Electronic Components Datasheet Search
  English  ▼

X  

SR310 Datasheet(PDF) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

Part # SR310
Description  MINIATURE SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

SR310 Datasheet(HTML) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

  SR310 Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. SR310 Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTICS CURVES
SR302 THRU SR310
SR302 thru SR310
CHENG- YI
CHENG- YI
ELECTRONIC
MINIATURE SCHOTTKY BARRIER
RECTIFIER
MINIATURE SCHOTTKY BARRIER
RECTIFIER
Fig.1 - TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, (V)
0.1
1.0
10
20
.3
.4
.2
.5
.6
.8
.7
.9
Pulse Width-300 s
2% DUTY CYCLE
SK320~SK340
SK350~SK380
Fig.5 - MAXIMUM CURRENT OUTPUT Vs,
AMBIENT TEMPERATURE.
0
AMBIENT TEMPERATURE, C
25
0
100
75
150
50
125
0
.5
1.0
1.5
2.0
2.5
3.0
Fig.2 - REVERSE INSTANTANEOUS
CHARACTERISTICS
REVERSE VOLTAGE(V)
5
10
15
20
25
30
0
10
20
50
5
2
1
.5
.2
.1
.05
.02
(PULSE MEASUREMENT)
Fig.4 - TYPICAL JUNCTION CAPACITANCE
REVERSE JUNCTION POTENTIAL VOLTAGE (V)
(APPLIED +0.7 VOLTS)
10
1
.1
40
20
10
5
50
100
200
500
0
T =25 C
J
0
T =12
5C(M
AX)
C
0
T =12
5C(TP
Y)
C
0
T =10
0C(TP
Y)
C
0
T =75C(T
PY)
C
0
T =50C(T
PY)
C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com