Electronic Components Datasheet Search
  English  ▼

X  

AS1500 Datasheet(PDF) 8 Page - ams AG

Part # AS1500
Description  Digital Potentiometer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1500 Datasheet(HTML) 8 Page - ams AG

Back Button AS1500 Datasheet HTML 4Page - ams AG AS1500 Datasheet HTML 5Page - ams AG AS1500 Datasheet HTML 6Page - ams AG AS1500 Datasheet HTML 7Page - ams AG AS1500 Datasheet HTML 8Page - ams AG AS1500 Datasheet HTML 9Page - ams AG AS1500 Datasheet HTML 10Page - ams AG AS1500 Datasheet HTML 11Page - ams AG AS1500 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
www.austriamicrosystems.com
Revision 1.01
8 - 14
AS1500
Data Sheet - Deta iled Description
7 Detailed Description
Serial-Programming
Programming of the AS150x is done via the 3 wire serial interface. The three input signals are serial data input (SDI),
clock(CK) and chip select (CSN). A programming sequence consists of 10-bit, where the last eight bit contain the code
word for the resistor value. The first two bits A1 and A0 have to be low to program the resistor value (see Table 6).
Otherwise the resistor value is not affected. The data is shifted into the internal 10 Bit register with the rising edge of
the CK signal. With the rising edge of the CSN signal the data become valid and the resistance is updated (see Figure
3). A detailed block diagram is shown in Figure 4.
Table 6. Serial data format (10 bits)
Figure 3. Timing Diagram
Figure 4. Detailed Timing Diagram
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
00
MSB
Data
LSB
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
1
0
1
0
0
1
VCC
0V
VOUT
SDI
CK
CSN
DAC Register Load
Ax or Dx
Ax or Dx
tCH
tD
tCSH
tD
tCL
tCSS
tCSWH
tCS1
± 1% Error Band
1
0
1
0
0
1
0V
VCC
VOUT
CSN
CK
SDI
tS
tCSWL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com