Electronic Components Datasheet Search
  English  ▼

X  

AS1500 Datasheet(PDF) 10 Page - ams AG

Part # AS1500
Description  Digital Potentiometer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1500 Datasheet(HTML) 10 Page - ams AG

Back Button AS1500 Datasheet HTML 6Page - ams AG AS1500 Datasheet HTML 7Page - ams AG AS1500 Datasheet HTML 8Page - ams AG AS1500 Datasheet HTML 9Page - ams AG AS1500 Datasheet HTML 10Page - ams AG AS1500 Datasheet HTML 11Page - ams AG AS1500 Datasheet HTML 12Page - ams AG AS1500 Datasheet HTML 13Page - ams AG AS1500 Datasheet HTML 14Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
www.austriamicrosystems.com
Revision 1.01
10 - 14
AS1500
Data Sheet - Deta iled Description
The resistance RWA is the complimentary resistor to RWB and can be controlled digitally as well. RWA starts at the
maximum value of the nominal resistance and is reduced with increasing 8-Bit code words. The formula to calculate
RWA is given below:
RWA (Dx)= (256 - Dx)/256 • RAB + RW
(EQ 2)
where RAB is the nominal resistance between terminal A and B, RW is the wiper resistance and Dx is the 8-Bit Code
word. In Table 8 the resistor values between the wiper and terminal B for AS1500 are given for specific codes Dx.
Figure 6. Equivalent RDAC Circuit
Voltage Output Operation
The AS150x family can easily used in an voltage output mode, where the output voltage is proportional to an applied
voltage to a given terminal. When 5V are applied to terminal A and B is set to ground the ouput voltage at the wiper
starts at zero volts up to 1LSB less then 5V. One LSB of voltage corresponds to the voltage applied at terminal AB
divided through 256 steps of possible wiper settings. The formula is given by
VW (Dx)= (Dx)/256 • VAB + VB
(EQ 3)
where VAB is the voltage applied between terminal A and B, VW is the voltage at the wiper, Dx is the 8-Bit Code word
and VB is the voltage at terminal B. The temperature drift is significant better than in Rheostat mode, since the
temperature coefficient is determined by the internal resistor ratio. Therefore the temperature drift is only 15ppm/°C.
Table 8. RDAC-Codes WA
DX (Dec)
RWA (Ω)
Output State
255
89
Full Scale
128
5050
Midscale
1
10011
1 LSB
0
10050
Zero-Scale
A
W
B
Rs=RNOMINAL/256
Rs
Rs
Rs
Rs
D7
D6
D5
D4
D3
D2
D1
D0
RDAC
LATCH
AND
DECODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com