Electronic Components Datasheet Search
  English  ▼

X  

CHA2157 Datasheet(PDF) 3 Page - United Monolithic Semiconductors

Part # CHA2157
Description  55-60GHz Low Noise / Medium Power Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2157 Datasheet(HTML) 3 Page - United Monolithic Semiconductors

  CHA2157 Datasheet HTML 1Page - United Monolithic Semiconductors CHA2157 Datasheet HTML 2Page - United Monolithic Semiconductors CHA2157 Datasheet HTML 3Page - United Monolithic Semiconductors CHA2157 Datasheet HTML 4Page - United Monolithic Semiconductors CHA2157 Datasheet HTML 5Page - United Monolithic Semiconductors CHA2157 Datasheet HTML 6Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
55-60GHz Low Noise Amplifier
CHA2157
Ref. : DSCHA21579090
3/6
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Typical On Wafer Scattering Parameters
Bias Conditions : Vd = +3.3V, Vg1 = Vg2 to have Id = 80 mA
F(GHz)
S11
S11
S12
S12
S21
S21
S22
S22
dB
deg
dB
deg
dB
deg
dB
deg
15
-6,19
168,5
-53,85
104,2
-4,75
-110,1
-2,94
146,8
16
-6,01
163,4
-53,05
83,1
-5,02
-126
-3,07
142,5
17
-5,78
158,3
-55,51
61,9
-5,8
-141,7
-3,32
138,2
18
-5,57
152,8
-63,53
136,7
-6,59
-154,4
-3,34
134,5
19
-5,32
148,7
-49,37
58,7
-6,68
-164,3
-3,7
127,7
20
-5,04
142,7
-51,91
58,7
-7,14
-174
-4,2
123,4
21
-4,8
137,4
-51,32
48,4
-7,51
172,8
-4,71
120,3
22
-4,5
131,6
-52,83
40,4
-8,77
162,3
-5,05
118
23
-4,32
125,4
-50,9
67
-9,37
162,4
-5,33
114
24
-4,06
119,8
-49,33
39,6
-9,09
150,7
-6,14
111,7
25
-3,83
113,1
-49,97
36,3
-10,11
142,7
-6,85
111,1
26
-3,65
106,5
-49,38
37,1
-11,13
139,8
-7,43
113,4
27
-3,56
99,7
-47,44
39,9
-11,39
143,2
-7,66
116,1
28
-3,42
93,1
-45,59
23,7
-10,79
145,5
-7,83
120,6
29
-3,33
85,6
-46,24
25
-9,24
145,2
-7,15
127,2
30
-3,32
78,1
-43,98
12,4
-7,26
139,8
-5,72
129,5
31
-3,35
70,4
-42,56
2
-5,66
125,3
-4,07
126,3
32
-3,47
62,2
-41,07
-12,4
-5,35
110,7
-2,81
117,8
33
-3,69
53,6
-40,29
-28,3
-5,21
98,9
-2,13
107,8
34
-4,05
44,7
-40,08
-46,4
-5,56
91,8
-1,91
97,8
35
-4,58
35
-40,8
-63,2
-5,61
88,6
-1,95
88,9
36
-5,45
24,5
-41,16
-70,6
-4,92
89,3
-2,12
80,9
37
-6,88
13,9
-41,12
-84,2
-3,29
88
-2,3
73,4
38
-9,34
3,7
-42,27
-89,6
-1,05
83,8
-2,51
66,2
39
-13,51
-1,3
-41,21
-108,8
1,77
74,4
-2,7
58,2
40
-21,64
49,9
-41,07
-130,8
4,18
55,5
-3,22
50,2
41
-13,04
95,8
-47,32
-151,5
5,47
38,5
-3,59
43,3
42
-7,18
87,7
-50,87
-74,5
7,16
20,8
-4,06
34,9
43
-4,19
70,7
-42,36
-79,2
8,35
-0,2
-4,88
26,9
44
-2,48
53,6
-38,05
-96,4
9,2
-19,7
-5,68
20
45
-1,56
37,1
-35,54
-113,9
9,96
-39,3
-6,66
12,8
46
-1,13
22
-34,48
-122,1
10,55
-58,1
-7,73
6,5
47
-0,93
6
-32,16
-127,2
11,32
-77
-9,16
0,1
48
-1,23
-8,5
-28,67
-156,4
11,99
-98
-10,87
0,2
49
-2,14
-22
-28,47
176,8
12,18
-121
-11,61
6,6
50
-3,09
-34,3
-29,18
157,7
12,1
-142,7
-11,33
7,5
51
-4,76
-42,4
-29,48
147,1
11,94
-163,6
-10,87
5,3
52
-6,29
-45,5
-27,33
127,2
11,65
176,6
-10,03
2,7
53
-7,54
-46,3
-27,27
99,4
11,31
156,8
-9,34
-6,2
54
-7,99
-42,1
-27,59
81,8
10,87
137,9
-8,91
-16,1
55
-7,63
-39
-27,52
64,5
10,44
119,9
-8,6
-27
56
-6,75
-39,3
-27,7
50,7
10
102,2
-8,49
-37,5
57
-5,78
-43,8
-26,84
38,4
9,64
84,8
-8,27
-48,9
58
-4,75
-51,4
-26,96
22,3
9,39
67,5
-8,12
-59,8
59
-4,31
-63,3
-26,49
4,2
9,1
46,8
-8,13
-69,7
60
-4,01
-71,9
-26,42
-10,1
8,56
30,1
-7,89
-80,5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com