Electronic Components Datasheet Search
  English  ▼

X  

CHA2157 Datasheet(PDF) 1 Page - United Monolithic Semiconductors

Part # CHA2157
Description  55-60GHz Low Noise / Medium Power Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2157 Datasheet(HTML) 1 Page - United Monolithic Semiconductors

  CHA2157 Datasheet HTML 1Page - United Monolithic Semiconductors CHA2157 Datasheet HTML 2Page - United Monolithic Semiconductors CHA2157 Datasheet HTML 3Page - United Monolithic Semiconductors CHA2157 Datasheet HTML 4Page - United Monolithic Semiconductors CHA2157 Datasheet HTML 5Page - United Monolithic Semiconductors CHA2157 Datasheet HTML 6Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CHA2157
Ref. : DSCHA21579090
1/6
Specifications subject to change without notice
United Monolithic Semiconductors S.A.S.
Route Départementale 128 - B.P.46 - 91401 Orsay Cedex France
Tel. : +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
55-60GHz Low Noise / Medium Power Amplifier
GaAs Monolithic Microwave IC
Description
The CHA2157 is a two stages low noise and
medium power amplifier. It is designed for a
wide range of applications, from military to
commercial
communication
systems. The
backside of the chip is both RF and DC grounds.
This helps simplify the assembly process.
The circuit is manufactured with a HEMT
process, 0.15µm gate length, via holes through
the substrate, air bridges and electron beam
gate lithography.
It is available in chip form.
Main Features
3.5 dB noise figure
10 dB
± 1dB gain
15 dBm output power (-1dB gain comp.)
DC power consumption, 80mA @ 3.3V
Chip size :
1.71 x 1.04 x 0.10 mm
-20
-15
-10
-5
0
5
10
15
55
56
57
58
59
60
Frequency (GHz)
Gain
S11
S22
Typical on Wafer Measurements
Main Characteristics
Tamb. = 25°C
Symbol
Parameter
Min
Typ
Max
Unit
Fop
Operating frequency range
55
60
GHz
G
Small signal gain
8
10
12
dB
NF
Noise figure
3.5
4.5
dB
P1dB
Output power at 1dB gain compression
13
15
dBm
Id
Bias current
80
150
mA
ESD Protection : Electrostatic discharge sensitive device. Observe handling precautions !


Similar Part No. - CHA2157

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2157 UMS-CHA2157 Datasheet
165Kb / 6P
55-60GHz Low Noise / Medium Power Amplifier
CHA2157 UMS-CHA2157 Datasheet
114Kb / 6P
55-60GHz Low Noise / Medium Power Amplifier
CHA2157-99F/00 UMS-CHA2157-99F/00 Datasheet
165Kb / 6P
55-60GHz Low Noise / Medium Power Amplifier
CHA2157 UMS-CHA2157_07 Datasheet
165Kb / 6P
55-60GHz Low Noise / Medium Power Amplifier
CHA2157 UMS-CHA2157_15 Datasheet
114Kb / 6P
55-60GHz Low Noise / Medium Power Amplifier
More results

Similar Description - CHA2157

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4600-EPU TRIQUINT-TGA4600-EPU Datasheet
127Kb / 8P
60GHz Low Noise Amplifier
logo
Eudyna Devices Inc
FMM5715X EUDYNA-FMM5715X Datasheet
276Kb / 10P
60GHz Power Amplifier
FMM5716X EUDYNA-FMM5716X Datasheet
253Kb / 9P
60GHz Low Noise Amplifier
logo
United Monolithic Semic...
CHA2159 UMS-CHA2159 Datasheet
203Kb / 6P
55-65GHz Low Noise / Medium Power Amplifier
CHA2157 UMS-CHA2157_07 Datasheet
165Kb / 6P
55-60GHz Low Noise / Medium Power Amplifier
logo
American Accurate Compo...
JXWBLA-T-1000-10000-30 AAC-JXWBLA-T-1000-10000-30 Datasheet
37Kb / 1P
Low Noise Medium Power Amplifier
logo
Advanced Semiconductor ...
ASL20G ASB-ASL20G Datasheet
798Kb / 7P
Medium Gain, Low Noise GPS Amplifier
October 2012
logo
TriQuint Semiconductor
TGA4600 TRIQUINT-TGA4600_15 Datasheet
289Kb / 8P
60GHz Low Noise Amplifier
logo
United Monolithic Semic...
CHA2157 UMS-CHA2157_15 Datasheet
114Kb / 6P
55-60GHz Low Noise / Medium Power Amplifier
CHA2159 UMS-CHA2159_15 Datasheet
136Kb / 6P
55-65GHz Low Noise / Medium Power Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com