Electronic Components Datasheet Search
  English  ▼

X  

1613 Datasheet(PDF) 5 Page - Electronic Film Capacitors, Inc.

Part # 1613
Description  METALLIZED POLYCARBONATE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EFC [Electronic Film Capacitors, Inc.]
Direct Link  http://www.filmcapacitors.com
Logo EFC - Electronic Film Capacitors, Inc.

1613 Datasheet(HTML) 5 Page - Electronic Film Capacitors, Inc.

  1613 Datasheet HTML 1Page - Electronic Film Capacitors, Inc. 1613 Datasheet HTML 2Page - Electronic Film Capacitors, Inc. 1613 Datasheet HTML 3Page - Electronic Film Capacitors, Inc. 1613 Datasheet HTML 4Page - Electronic Film Capacitors, Inc. 1613 Datasheet HTML 5Page - Electronic Film Capacitors, Inc. 1613 Datasheet HTML 6Page - Electronic Film Capacitors, Inc. 1613 Datasheet HTML 7Page - Electronic Film Capacitors, Inc. 1613 Datasheet HTML 8Page - Electronic Film Capacitors, Inc. 1613 Datasheet HTML 9Page - Electronic Film Capacitors, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
.001
.0012
.0015
.0022
.0027
.0039
.0047
.0056
.0068
.0082
.01
.012
.015
.018
.022
.027
.033
.039
.047
.056
.068
.082
.1
.12
.15
.18
.22
.27
.33
.39
.47
.56
.68
.82
1.0
1.25
1.5
2.0
3.0
4.0
5.0
1613EC
50 VDC
1613EC
75 VDC
1613EC
100 VDC
1613EC
150 VDC
1613EC
200 VDC
1613EC
400 VDC
1613EC
600 VDC
Cap.
µµµµµF
EFC
1613EC
<
><
L _.050"
>
1.625"
Min.
Lead Specs.
Tinned Copperweld
Under .250D = 24 AWG
.250 - .440D = 22 AWG
Above .440D = 20 AWG
Epoxy Case
(Axial Leads)
+
DIMENSIONS and RATINGS
1613EC
_ .010"
+
D
D
L
D
L
D
L
D
L
D
L
D
L
D
L
EFC will manufacture to any non-standard value and size. Please consult factory for special requirements.
(All dimensions in inches)
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
B
B
B
C
C
C
C
C
D
D
D
E
F
F
Reidville Industrial Park * 41 Interstate Lane * WATERBURY, CONNECTICUT 06705
Phone (203) 755-5629
FAX (203) 755-0659
ELECTRONIC FILM CAPACITORS, INC.
DIAMETER
LENGTH
1 = .187
2 = .225
3 = .250
4 = .312
5 = .375
6 = .437
7 = .500
D = .750
E = .875
F = 1.187
A = .375
B = .500
C = .625
SIZE CODE
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
2
2
2
3
3
1
2
3
3
4
4
4
4
4
4
5
5
6
7
1
1
1
1
1
1
1
1
1
1
1
1
2
2
2
2
3
3
2
2
2
2
3
2
2
2
3
3
3
4
4
4
5
5
5
5
6
6
7
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
2
2
2
2
2
2
2
2
3
2
3
4
4
4
4
5
5
5
6
6
7
7
1
1
1
1
1
1
1
1
1
1
1
1
2
2
2
2
2
2
2
2
3
2
3
3
4
4
4
4
5
5
5
6
6
7
7
7
1
1
1
1
1
1
1
1
1
1
2
2
2
1
2
2
2
2
3
3
3
4
4
4
4
4
5
5
5
6
6
7
7
7
1
1
1
1
1
2
2
2
1
2
2
2
3
3
3
3
4
4
4
4
4
5
5
5
6
7
7
7
7
1
1
1
1
1
2
2
2
2
2
3
4
4
4
4
4
5
5
5
6
7
7
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
B
B
B
B
B
C
C
C
D
D
D
D
E
E
E
F
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
B
B
B
B
B
C
C
C
C
C
D
D
D
E
E
E
E
F
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
B
B
B
B
B
B
C
C
C
C
C
D
E
D
D
E
E
E
E
E
F
A
A
A
A
A
A
A
A
A
A
A
A
A
B
B
B
B
B
B
C
C
C
C
C
D
D
D
D
E
E
E
E
F
F
A
A
A
A
A
A
A
A
B
B
B
B
B
B
C
C
C
C
C
D
D
D
E
E
E
E
E
F
F
B
B
B
B
B
B
B
B
C
C
C
C
C
C
D
D
D
E
E
E
E
E
Metallized
Polycarbonate
Capacitors



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com