Electronic Components Datasheet Search
  English  ▼

X  

1613 Datasheet(PDF) 1 Page - Electronic Film Capacitors, Inc.

Part # 1613
Description  METALLIZED POLYCARBONATE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EFC [Electronic Film Capacitors, Inc.]
Direct Link  http://www.filmcapacitors.com
Logo EFC - Electronic Film Capacitors, Inc.

1613 Datasheet(HTML) 1 Page - Electronic Film Capacitors, Inc.

  1613 Datasheet HTML 1Page - Electronic Film Capacitors, Inc. 1613 Datasheet HTML 2Page - Electronic Film Capacitors, Inc. 1613 Datasheet HTML 3Page - Electronic Film Capacitors, Inc. 1613 Datasheet HTML 4Page - Electronic Film Capacitors, Inc. 1613 Datasheet HTML 5Page - Electronic Film Capacitors, Inc. 1613 Datasheet HTML 6Page - Electronic Film Capacitors, Inc. 1613 Datasheet HTML 7Page - Electronic Film Capacitors, Inc. 1613 Datasheet HTML 8Page - Electronic Film Capacitors, Inc. 1613 Datasheet HTML 9Page - Electronic Film Capacitors, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
2. CAPACITANCE
Capacitors < 1.0 MFD shall be measured
at 1 KHz + 20 HZ. Capacitors >1.0 MFD
shall be measured at 120 HZ. Measurements
shall be taken at 25 OC.
TYPICAL TEMPERATURE CURVES
METALLIZED POLYCARBONATE
-55
-25
0
25
50
85
125
-55
-25
0
25
50
85
125
Temperature (OC)
0
DISSIPATION FACTOR VS. TEMPERATURE
CAPACITANCE CHANGE VS. TEMPERATURE
Temperature (OC)
Temperature (OC)
+25
+50
+85
+125
INSULATION RESISTANCE VS. TEMPERATURE
10
2
ELECTRONIC FILM CAPACITORS, INC.
10
6
10
5
10
4
10
3
Reidville Industrial Park * 41 Interstate Lane
WATERBURY, CONNECTICUT 06705
PHONE (203) 755-5629
FAX (203) 755-0659
METALLIZED POLYCARBONATE
SPECIFICATIONS
4. INSULATION RESISTANCE
At 25 OC after 2 minutes charge time at rated voltage
or 500 VDC, whichever is less, the minimum IR shall
be 50,000 Megohm-Microfarad, but need not exceed
100,000 Megohms for voltages greater than 75 VDC,
and 15,000 Megohm-Microfarads, but need not exceed
50,000 Megohms for 75 VDC or less.
5. HUMIDITY RESISTANCE
Series 1613 shall meet the requirements
of MIL-STD. 202C, Method 103B.
6. DISSIPATION FACTOR
Shall be 0.3 % max. when measured as in Par. 2.
3. DIELECTRIC STRENGTH
At 25 OC, 150% of rated voltage when applied
terminal to terminal for one minute through a
current limiting resistance.
7. LIFE TEST
Will withstand the application of 140% rated voltage at +125 0C for 250 hours
with not more than one failure in 12 permitted.
-1.5
-1.0
-0.5
0
+1.5
+1.0
+0.5
1.5
1.0
0.5
SERIES 1613
EFC Series 1613 are metallized polycarbonate capacitors. This series offers the
advantage of miniature size, superior stability, self healing, high insulation resistance,
low dissipation factor and high frequency operation. Suggested applications include:
timing circuits, filters, high current applications. Packaging options include: wrap
and fill (TF, TC), radial lead box (EFR), axial lead (EC, EF).
1. TEMPERATURE RANGE
- 55 OC to +125 OC at rated voltage.


Similar Part No. - 1613

ManufacturerPart #DatasheetDescription
logo
Lumberg
1613 32 LUMBERG-1613 32 Datasheet
322Kb / 3P
Power supply connectors
09/2023
logo
List of Unclassifed Man...
1613-1 ETC2-1613-1 Datasheet
523Kb / 1P
SPLIT-TYPE (FORK) TURRETS
1613-2 ETC2-1613-2 Datasheet
523Kb / 1P
SPLIT-TYPE (FORK) TURRETS
1613-3 ETC2-1613-3 Datasheet
523Kb / 1P
SPLIT-TYPE (FORK) TURRETS
1613-4 ETC2-1613-4 Datasheet
523Kb / 1P
SPLIT-TYPE (FORK) TURRETS
More results

Similar Description - 1613

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKC1858 VISHAY-MKC1858 Datasheet
204Kb / 3P
Metallized Polycarbonate Film Capacitor
05-Jul-05
MKC1862 VISHAY-MKC1862_08 Datasheet
309Kb / 4P
Metallized Polycarbonate Film Capacitor
05-Jul-05
MKC1860 VISHAY-MKC1860_05 Datasheet
170Kb / 4P
Metallized Polycarbonate Film Capacitor Related Document: IEC 60384-6
05-Jul-05
logo
Electronic Film Capacit...
1613DFR EFC-1613DFR Datasheet
14Kb / 1P
Metallized Polycarbonate Capacitors
1613EC EFC-1613EC Datasheet
11Kb / 1P
Metallized Polycarbonate Capacitors
1613EF EFC-1613EF Datasheet
12Kb / 1P
Metallized Polycarbonate Capacitors
1613EFR EFC-1613EFR Datasheet
13Kb / 1P
Metallized Polycarbonate Capacitors
1613TC EFC-1613TC Datasheet
12Kb / 1P
Metallized Polycarbonate Capacitors
1613TF EFC-1613TF Datasheet
12Kb / 1P
Metallized Polycarbonate Capacitors
logo
Visual Communications C...
CLP-126 VCC-CLP-126 Datasheet
205Kb / 1P
Polycarbonate
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com