Electronic Components Datasheet Search
  English  ▼

X  

AS2702 Datasheet(PDF) 10 Page - ams AG

Part # AS2702
Description  AS-Interface Slave IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2702 Datasheet(HTML) 10 Page - ams AG

Back Button AS2702_1 Datasheet HTML 5Page - ams AG AS2702_1 Datasheet HTML 6Page - ams AG AS2702_1 Datasheet HTML 7Page - ams AG AS2702_1 Datasheet HTML 8Page - ams AG AS2702_1 Datasheet HTML 9Page - ams AG AS2702_1 Datasheet HTML 10Page - ams AG AS2702_1 Datasheet HTML 11Page - ams AG AS2702_1 Datasheet HTML 12Page - ams AG AS2702_1 Datasheet HTML 13Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
AS2702 – AS-Interface Slave IC
Revision 1.3, 21-Aug-08
Page 10 of 13
Operation Status Pins LED1 and LED2
Pins LED1 and LED2 are both equipped with a low-side open-drain output switch plus a passive high-side current source with a
nom. 10µA pull-up current capability. They will each have an LED load connected to UOUT, which will flag the operation status of
the slave device, according to the following table:
Output LED1
Output LED2
Flagging Priority
Slave Device
Reason
(green LED
connected)
(red LED
connected)
(1 = highest, …,
4 = lowest)
Operation Status
off
off
Supply voltage off
No supply voltage
on
off
Regular operation
off
of
4
No data communication
Regular, non-zero slave address
coded; data comm. watchdog
triggered
blinks
on
3
No regular slave address
coded
Slave address = default zero
blinks
blinks (alternating
with LED1)
2
Hardware failure in
sensor/actuator circuitry
Input PFAULT = L
off
blinks
1
External RESET or
overload at UOUT pin
DSTBn = L to RESET, or UOUT
switched-off due to overload
(LED1 and LED2 both also feature an input stage, to simplify component test and shorten test time of the slave device.)
The dc- and timing parameters of pins LED1 and LED2 are specified as follows:
Symbol
Parameter
Min
Max
Unit Note
ILED
Sink current @ output L
10
mA VOUT = 1V
IOUTHI
Leakage current @ output off
-10
10
µA
VOUT = 5V
VIN
Acceptable input voltage @ output off
-0.3
40
V
fBLINK
Blinking frequency
2
3
Hz
Data Communication Watchdog
AS2702 is equipped with a watchdog timer to supervise data communication by monitoring the strobe signals at pins DSTBn and
PSTBn.
If a parameter or data strobe is not followed by a consecutive strobe within a time period of 50 … 100ms, the watchdog is triggered
and initiates a ‘soft’ reset, see section Reset.
Reset
There are 2 categories of reset-events, leading to 2 slightly different reset-conditions of the slave device:
1
A ‘hard’ reset taking place at power-up and power-down of supply-voltages U5R and UOUT.
At power-up the slave device leaves reset-condition as soon as U5R has passed 3.75V and UOUT has passed VCOMOFF =
nom. 10V.
At power-down the slave device is forced into reset-condition as soon as U5R drops below 3.75V.
(Tolerance of the threshold voltages referred to is
±5 %)
2
A ‘soft’ reset, resulting from one of the following events:
2.1
Data strobe pin DSTBn is kept L for more than 100ms;
2.2
Master command ‘RESET SLAVE’ is received;
2.3
Master command ‘RESET BROADCAST’ is received;
2.4
The communication watchdog is triggered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com