Electronic Components Datasheet Search
  English  ▼

X  

AS3910 Datasheet(PDF) 12 Page - ams AG

Part # AS3910
Description  13.56 MHz RFID Reader IC, ISO-14443 A/B
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3910 Datasheet(HTML) 12 Page - ams AG

Back Button AS3910 Datasheet HTML 8Page - ams AG AS3910 Datasheet HTML 9Page - ams AG AS3910 Datasheet HTML 10Page - ams AG AS3910 Datasheet HTML 11Page - ams AG AS3910 Datasheet HTML 12Page - ams AG AS3910 Datasheet HTML 13Page - ams AG AS3910 Datasheet HTML 14Page - ams AG AS3910 Datasheet HTML 15Page - ams AG AS3910 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 47 page
background image
www.austriamicrosystems.com/HF_RFID_Reader/AS3910
Revision 2.3
12 - 47
AS3910
Data Sheet - D e t a i l e d D e s c r i p t i o n
7.0.9 ISO-14443 and NFCIP Framing
This block performs ISO-14443 and NFCIP-1 106 kbps active communication framing for receive and transmit according to the selected ISO
mode and data rate settings.
In reception, it takes demodulated subcarrier signal from Receiver. It recognizes the SOF, EOF and data bits; performs parity and CRC
check; organizes the received data in bytes and places them in the FIFO.
During transmit, it operates inversely; it takes bytes from FIFO; generates parity and CRC bits; adds SOF and EOF; and performs final
encoding before passing modulation signal to transmitter.
In Transparent mode, the framing and FIFO are bypassed; the digitized subcarrier signal, which is Receiver output is directly sent to
SDATAO pin; signal applied to SDATAI pin is directly used to modulate the transmitter.
7.0.10 FIFO
The AS3910 contains a 32byte FIFO. Depending on the mode, it contains either data that has been received or data that is to be transmitted.
7.0.11 Control Logic
The control logic contains I/O registers, which define the operation of device.
7.0.12 SPI Interface
A 4-wire Serial Peripheral interface (SPI) is used for communication between external microcontroller and the AS3910.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com