Electronic Components Datasheet Search
  English  ▼

X  

AS3910 Datasheet(PDF) 15 Page - ams AG

Part # AS3910
Description  13.56 MHz RFID Reader IC, ISO-14443 A/B
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3910 Datasheet(HTML) 15 Page - ams AG

Back Button AS3910 Datasheet HTML 11Page - ams AG AS3910 Datasheet HTML 12Page - ams AG AS3910 Datasheet HTML 13Page - ams AG AS3910 Datasheet HTML 14Page - ams AG AS3910 Datasheet HTML 15Page - ams AG AS3910 Datasheet HTML 16Page - ams AG AS3910 Datasheet HTML 17Page - ams AG AS3910 Datasheet HTML 18Page - ams AG AS3910 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 47 page
background image
www.austriamicrosystems.com/HF_RFID_Reader/AS3910
Revision 2.3
15 - 47
AS3910
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
In relative mode low reference is 1/6 of VSP and high reference is 5/6 of VSP, so the input range is from 1/6VSP to 5/6VSP. Relative mode is only
used in phase measurement in which phase detector output is proportional to power supply. In all other cases absolute mode is used.
The A/D converter input can also be accessed externally. When the direct command AD Convert is sent, an A/D conversion of voltage present on
pin AD_IN is performed in absolute mode, result is stored in A/D Converter Output Register. AD_IN pin should be left non-connected in case A/
D conversion is not needed in application.
8.5 Phase and Amplitude Detector
8.5.1 Phase Detector
The phase detector is observing phase difference between the transmitter output signals (RFO1 and RFO2) and the pad signals RFI1 and RFI2,
which are proportional to the signal on the antenna LC tank. These signals are first passed by digitizing comparators. Digitized signals are
processed by a phase detector. Filter characteristics of the phase antenna are adapted to one of the two possible operation modes. For antenna
tuning check, a strong low power filter is used to get average phase difference, for PM demodulation a low pass filter having 1MHz corner
frequency is used to pass the subcarrier frequency.
Antenna Tuning Check. The Phase Detector output reflects phase relationship between the two inputs. The 90º phase shift (ideal antenna
LC tank tuning) results in VSP/2 output voltage. In case the antenna LC tank is detuned, phase shift changes which results in different phase
detector output voltage. In case of command Check Antenna Resonance phase detector output is applied to A/ D converter in relative mode.
Output of phase detector is also observed by comparator with reference signal VSP/2. Output of this comparator is used in execution of direct
command Calibrate Antenna.
PM Demodulation. The phase detector has low pass characteristics in case of PM demodulation. This is to allow phase demodulation of the
848 kHz subcarrier signal. The output is then fed to Receiver.
8.5.2 Amplitude Detector
Signals from pads RFI1 and RFI2 are used as inputs to the self mixing stage. Output of this stage is DC voltage proportional to amplitude of
signal on RFI1 and RFI2 pads. This signal is fed to A/D converter when amplitude of signal on RFI inputs has to be measured (direct commands
Measure RF and Calibrate Modulation Depth).
8.6 External Field Detector
The External Field Detector is used in NFC mode to detect the presence of an external RF field. It is composed of two sub-blocks, Target
Activation Detector and a RF Collision Avoidance Detector. Input to both blocks is the signal from the RFI1 pad. The thresholds of the two blocks
can be independently set by writing the NFCIP Field Detection Threshold Register (#14). The outputs of both detectors are fed to a logic or gate,
output of which goes to the Control logic. A low to high transition of this logic or gate output triggers an interrupt (Interrupt due to nfc event)
8.6.1 Target Activation Detector
This block is turned on in NFC target mode to detect the presence of an interrogator field. It is enabled by setting the Operation Control Register
bit nfc_t. It is a low power block with an adjustable threshold in the range from 145mVpp and 590mVpp. This block generates an interrupt when
an external field is detected and also when it disappears. With such implementation it can also be used to detect the moment when the external
field disappears. This is useful to detect the moment when external NFC device (it can either an interrogator or a target) has stopped emitting an
RF field since a response can only be sent afterwards. Actual state of the Target Activation Detector can be checked by reading the bit rfp in the
Receiver State Display Register (#17). When this bit is set to logic one there is a signal higher then the threshold present on the input of Target
Activation Detector.
8.6.2 RF Collision Avoidance Detector
This block is activated during the RF Collision Avoidance sequence which is executed before every request or response in NFC active
communication (Initial or Response RF Collision Avoidance). In case during the RF Collision Avoidance sequence the presence of an external
field is detected, request/response is not sent, an interrupt is generated to inform the external controller about collision. During RF Collision
Avoidance, the Target Activation Detector is disabled in order to have the correct threshold when detection is made. The threshold of the RF
Collision Avoidance Detector can be adjusted in the range from 50 to 1080mVpp.
8.7 Quartz Crystal Oscillator
The quartz crystal oscillator can operate with 13.56MHz and 27.12MHz crystals. The oscillator is based on an inverter stage supplied by
controlled current source. A feedback loop is controlling the bias current in order to regulate amplitude on XTI pin to 1Vpp. This feedback
assures reliable operation even in case of low quality crystals with Rs up to 50
Ω. In order to enable a fast reader start-up an interrupt is sent
when oscillator amplitude exceeds 750mVpp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com