Electronic Components Datasheet Search
  English  ▼

X  

AS5011 Datasheet(PDF) 7 Page - ams AG

Part # AS5011
Description  Low Power Integrated Hall IC for Human Interface Applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5011 Datasheet(HTML) 7 Page - ams AG

Back Button AS5011 Datasheet HTML 3Page - ams AG AS5011 Datasheet HTML 4Page - ams AG AS5011 Datasheet HTML 5Page - ams AG AS5011 Datasheet HTML 6Page - ams AG AS5011 Datasheet HTML 7Page - ams AG AS5011 Datasheet HTML 8Page - ams AG AS5011 Datasheet HTML 9Page - ams AG AS5011 Datasheet HTML 10Page - ams AG AS5011 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AS5011
Data Sheet
www.austriamicrosystems.com
6.4.4
Switching the power modes
The following sequence example would be used for a typical mobile application (mobile phone, PDA, MP3 player):
Figure 9: Typical application sequence for mobile device
After a complete system power up, a soft reset should be applied by sending the I²C commands
[0x76] = 0x9A
then [0x76] = 0x98.
If needed the host microcontroller writes the configuration once to the AS5011, for example the
inv_spinning
register if the magnet is inverted (see 7.2) or the Xp Xn Yp Yn wakeup threshold values. The
cursor is normally centered X,Y = (0,0) as the magnet position 1 on Figure 5 . The AS5011 is in Shutdown
mode
by default.
The cursor is moved by the user above the Yp threshold. An interrupt is generated and remains LOW
until an X_int/Y_int read or a power mode changing.
The microcontroller configures the AS5011 in Low Power mode ( [0x76] = 110x_100x ) for faster
reading. The interrupt is released to HIGH automatically by the power mode change.
Interrupts are generated automatically every 20ms when the XY coordinates are ready for reading.
The microcontroller reads the X register [0x41] then Y_int register [0x52] which releases INTn to HIGH.
During this phase, the cursor is still moving and stays out of the wakeup thresholds range.
If the microcontroller doesn’t read X_int or Y_int immediately after an interrupt, the INTn pin remains
LOW until the next read of X_int or Y_int. The last new converted (a new sample every 20ms) coordinate
will be transferred.
The cursor has been released by the user, and returns to the center of the AS5011 (magnet position
1 on Figure 5). The microcontroller will read X,Y = (0,0), and will configure the sensor to Shutdown mode
([0x76] = 1001_x00x)
.
Note:
Firmware application notes with source code example for AS5011 and EasyPoint modules are available on
www.austriamicrosystems.com website.
Revision 3.10
7 – 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com