Electronic Components Datasheet Search
  English  ▼

X  

AS5011 Datasheet(PDF) 11 Page - ams AG

Part # AS5011
Description  Low Power Integrated Hall IC for Human Interface Applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5011 Datasheet(HTML) 11 Page - ams AG

Back Button AS5011 Datasheet HTML 7Page - ams AG AS5011 Datasheet HTML 8Page - ams AG AS5011 Datasheet HTML 9Page - ams AG AS5011 Datasheet HTML 10Page - ams AG AS5011 Datasheet HTML 11Page - ams AG AS5011 Datasheet HTML 12Page - ams AG AS5011 Datasheet HTML 13Page - ams AG AS5011 Datasheet HTML 14Page - ams AG AS5011 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AS5011
Data Sheet
www.austriamicrosystems.com
8.2
Operating conditions
(operating conditions: Tamb = -20 to +80°C, VDD = 3.3V)
Parameter
Symbol
Min
Typ
Max
Unit
Note
Core Supply voltage
VDD
2.7
3.6
V
Peripheral Supply voltage
VDDp
1.8
VDD
+0.3
V
open drain outputs : SCL, SDA,
INT/
Current consumption on core
supply,
Shutdown mode
IDDs
50
µA
average current pin VDD
pulsed current IDDf during tconv
with period tP,W
Current consumption on core
supply,
Low Power mode
IDDl
200
µA
average current pin VDD
pulsed current IDDf during tconv
with period tP,A
Current consumption on core
supply,
Full Power mode
IDDf
8
mA
continuous current pin VDD
Current consumption on IO supply
IDDp
1
µA
average current pin VDDp, 20ms
i²C polling, 47k pullup resistor on
SDA
Polling clock rate, Shutdown mode
tP,W
65.6
80
94.4
ms
internal
Polling clock rate, Low Power
mode
tP,A
16.4
20
23.6
ms
internal
Coordinate conversion time
tconv
330
380
455
µs
Full Power mode
lateral movement radius
dx
dy
±1.8
2
±2.3
mm
vertical magnetic field at magnet
centre, measured at the chip
surface
type of magnet
d
2
3
mm
cylindrical; axial magnetized
Hall array diameter
RH
2.2
mm
magnetic field strength
BZ
30
120
mT
vertical magnetic field at magnet
center; measured at chip surface
Ambient temperature range
Tamb
-20
+80
°C
Magnetic field measurement
resolution
11
bit
Internal
Resolution of XY displacement
8
bit
over 2*dx and 2*dy axis
IC package
QFN16
5x5x0.55mm
100
nF
Ceramic capacitor VDD - VSS
Power supply filtering capacitors
100
nF
Ceramic capacitor VDDp - VSS
Revision 3.10
11 – 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com