Electronic Components Datasheet Search
  English  ▼

X  

CHA2291 Datasheet(PDF) 4 Page - United Monolithic Semiconductors

Part # CHA2291
Description  10-18GHz Low Noise, Variable Gain Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2291 Datasheet(HTML) 4 Page - United Monolithic Semiconductors

  CHA2291 Datasheet HTML 1Page - United Monolithic Semiconductors CHA2291 Datasheet HTML 2Page - United Monolithic Semiconductors CHA2291 Datasheet HTML 3Page - United Monolithic Semiconductors CHA2291 Datasheet HTML 4Page - United Monolithic Semiconductors CHA2291 Datasheet HTML 5Page - United Monolithic Semiconductors CHA2291 Datasheet HTML 6Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
10-18GHz LNA VGA
CHA2291
Ref. : DSCHA22912149 - 29-May-02
4/6
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Gain versus Vc
Gain versus Output power
-6
-4
-2
0
2
4
6
8
10
12
14
16
18
20
22
24
26
-1,4
-1,2
-1
-0,8
-0,6
-0,4
-0,2
0
0,2
0,4
0,6
0,8
1
1,2
1,4
Vc (V)
Gain (dB)
12GHz
14GHz
16GHz
18GHz
20GHz
18
19
20
21
22
23
24
25
26
27
28
-4
-2
02468
10
12
14
Output Power (dBm)
12GHz
14GHz
16GHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com