Electronic Components Datasheet Search
  English  ▼

X  

CHA2291 Datasheet(PDF) 1 Page - United Monolithic Semiconductors

Part # CHA2291
Description  10-18GHz Low Noise, Variable Gain Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2291 Datasheet(HTML) 1 Page - United Monolithic Semiconductors

  CHA2291 Datasheet HTML 1Page - United Monolithic Semiconductors CHA2291 Datasheet HTML 2Page - United Monolithic Semiconductors CHA2291 Datasheet HTML 3Page - United Monolithic Semiconductors CHA2291 Datasheet HTML 4Page - United Monolithic Semiconductors CHA2291 Datasheet HTML 5Page - United Monolithic Semiconductors CHA2291 Datasheet HTML 6Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CHA2291
Ref. : DSCHA22912149 - 29-May-021
1/6
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
10-18GHz Low Noise, Variable Gain Amplifier
GaAs Monolithic Microwave IC
Description
The CHA2291 is a high gain
four-stage
monolithic low noise amplifier with variable gain.
It is designed for a wide range of applications,
from
military
to
commercial
communication
systems.The backside of the chip is both RF and
DC grounded. This helps simplify the assembly
process.
The circuit is manufactured with a PM-HEMT
process, 0.25µm gate length, via holes through
the substrate, air bridges and electron beam
gate lithography.
It is available in chip form.
Main Features
• Frequency range : 10-18GHz
• 2.2dB Noise Figure.
• 23dB gain
• Gain control range: 20dB
• DC power consumption: 180mA @ 5V
• Chip size : 2.49 X 1.23 X 0.10 mm
Typical on wafer measurements : Gain & NF
Main Characteristics
Tamb. = 25°C
Parameter
Min
Typ
Max
Unit
Fop
Operating frequency range
10
18
GHz
G
Small signal gain
23
dB
NF
Noise figure
2.2
dB
Gctrl
Gain control range with Vc variation
20
dB
Id
Bias current
180
mA
ESD Protection : Electrostatic discharge sensitive device. Observe handling precautions !
V5
Vd2,3,4
Vg1
Vg2 Vg3,4 Vc
0
2
4
6
8
10
12
14
16
18
20
22
24
26
10
11
12
13
14
15
16
17
18
Frequency (GHz)
Gain (dB)
NF (dB)


Similar Part No. - CHA2291

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2291 UMS-CHA2291 Datasheet
413Kb / 8P
10-18GHz Low Noise, Variable Gain Amplifier
CHA2291-99F/00 UMS-CHA2291-99F/00 Datasheet
413Kb / 8P
10-18GHz Low Noise, Variable Gain Amplifier
CHA2291 UMS-CHA2291_07 Datasheet
413Kb / 8P
10-18GHz Low Noise, Variable Gain Amplifier
More results

Similar Description - CHA2291

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD603 AD-AD603 Datasheet
219Kb / 14P
Low Noise, 90 MHz Variable-Gain Amplifier
logo
DAICO Industries, Inc.
DAML6273 DAICO-DAML6273 Datasheet
176Kb / 1P
Variable Gain Low Noise Amplifier
DAML6274 DAICO-DAML6274 Datasheet
156Kb / 1P
Variable Gain Low Noise Amplifier
DAML6275 DAICO-DAML6275 Datasheet
157Kb / 1P
Variable Gain Low Noise Amplifier
DAML6280 DAICO-DAML6280 Datasheet
183Kb / 1P
Variable Gain Low Noise Amplifier
logo
United Monolithic Semic...
CHA2290 UMS-CHA2290 Datasheet
128Kb / 8P
10-18GHz Low Noise, Variable Gain Amplifier
CHA3512 UMS-CHA3512 Datasheet
518Kb / 10P
6-18GHz Low Noise Digital Variable Amplifier
CHA2291 UMS-CHA2291_07 Datasheet
413Kb / 8P
10-18GHz Low Noise, Variable Gain Amplifier
CHA3512 UMS-CHA3512_08 Datasheet
452Kb / 10P
6-18GHz Low Noise Digital Variable Amplifier
CHA3512 UMS-CHA3512_15 Datasheet
377Kb / 10P
6-18GHz Low Noise Digital Variable Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com