Electronic Components Datasheet Search
  English  ▼

X  

AS5030ATSU Datasheet(PDF) 11 Page - ams AG

Part # AS5030ATSU
Description  8 BIT PROGRAMMABLE HIGH SPEED MAGNETIC ROTARY ENCODER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5030ATSU Datasheet(HTML) 11 Page - ams AG

Back Button AS5030ATSU Datasheet HTML 7Page - ams AG AS5030ATSU Datasheet HTML 8Page - ams AG AS5030ATSU Datasheet HTML 9Page - ams AG AS5030ATSU Datasheet HTML 10Page - ams AG AS5030ATSU Datasheet HTML 11Page - ams AG AS5030ATSU Datasheet HTML 12Page - ams AG AS5030ATSU Datasheet HTML 13Page - ams AG AS5030ATSU Datasheet HTML 14Page - ams AG AS5030ATSU Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
AS5030 8-bit Programmable Magnetic Rotary Encoder
Rev. 1.8
www.austriamicrosystems.com
Page 11 of 33
4.16 Serial 2-wire Continuous Readout
The termination of each readout sequence by a timeout of CLK after the 22nd clock pulse as described in 4.15 is the safest
method to ensure synchronization, as each timeout of CLK resets the serial interface.
However, it is not mandatory to apply a timeout of CLK and consequently synchronization after each reading. It is also possible
to read several consecutive angle values without synchronization by simply continuing the CLK pulses without timeout after the
22nd clock. The 23rd clock is equal to the 1st clock of the next measurement, etc…
This is the fastest way to read multiple angle values, as there is no timeout period between the readings. It is still possible to
synchronize the serial data transmission by a timeout of CLK after a given number of readouts (e.g. synchronize after every 5th
reading, etc…)
CMD4
CLK
CS
DIO read
t0
t6
command phase
data phase
DIO write
t1
1
2
3
4
567
22
DX
8
CMD2
CMD3
CMD1
CMD0
D15
D14
D0
t5
23
24
25
CMD4
CMD2
CMD3
1st reading
2nd reading
command phase
Figure 10: Timing diagram in 2-wire SSI continuous readout
4.17 Serial 2-Wire Differential SSI Connection
With the addition of a RS-422 / RS-
485 transceiver, a fully differential
data transmission, according to the
21-bit SSI interface standard is
possible. To be compatible with this
standard, the CLK signal must be
inverted. This is done by reversing the
Data+
and
Data-
lines
of
the
transceivers.
Note: This type of transmission is
read-only.
Figure 11: 2-wire SSI read-only mode
Figure 12: Timing diagram in 2-wire readonly mode (differential transmission)
SSI read-only serial bit sequence (21bit read):
Read
D20
D19
D18
D17
D16
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
AGC
Angle
0
0
0
0
0
C2
lock
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
AS5030
Micro
Controller
100n
CS
CLK
DIO
+5V
VDD
VSS
VSS
C2
VDD
VDD
13
11
10
12
15
C1
VSS
3
14
Input
Output
DX
9
CLK
DI
D+
D-
D+
D-
MAX 3081 or similar
D+
D-
D-
D+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com