Electronic Components Datasheet Search
  English  ▼

X  

AS5030ATSU Datasheet(PDF) 15 Page - ams AG

Part # AS5030ATSU
Description  8 BIT PROGRAMMABLE HIGH SPEED MAGNETIC ROTARY ENCODER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5030ATSU Datasheet(HTML) 15 Page - ams AG

Back Button AS5030ATSU Datasheet HTML 11Page - ams AG AS5030ATSU Datasheet HTML 12Page - ams AG AS5030ATSU Datasheet HTML 13Page - ams AG AS5030ATSU Datasheet HTML 14Page - ams AG AS5030ATSU Datasheet HTML 15Page - ams AG AS5030ATSU Datasheet HTML 16Page - ams AG AS5030ATSU Datasheet HTML 17Page - ams AG AS5030ATSU Datasheet HTML 18Page - ams AG AS5030ATSU Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
AS5030 8-bit Programmable Magnetic Rotary Encoder
Rev. 1.8
www.austriamicrosystems.com
Page 15 of 33
The total number of serial bits is: n*21, where n is the number of connected devices. Note that this configuration requires one
extra clock (#1) to initiate the generation of the CS signal for the first device. After reading the last device, the communication
must be reset back to the first device by introducing a timeout of CLK (no rising edge for >24µs)
Figure 20: Timing diagram in 2-wire Daisy Chain mode
5 AS5030 Programming
5.1
Programming Options
The AS5030 has an integrated 18 Bit OTP ROM for configuration purposes.
5.1.1
OTP Programming options
The OTP programming options can be set permanently by programming or temporarily by overwriting. Both methods are carried
out over the serial interface, but with different commands (WRITE OTP, PROG OTP, see 5.2.4).
Note: During the 18bit OTP programming, each bit needs 4 clock pulses to be validated.
•
Zero Position Programming
This programming option allows the user to program any rotation angle of the magnet as the new zero position. This
useful feature simplifies the assembly process as the magnet does not need to be mechanically adjusted to the
electrical zero position. It can be assembled in any rotation angle and later matched to the mechanical zero position
by zero position programming.
The 8-bit user programmable zero position can be applied both temporarily (command WRITE OTP, #1FH) or
permanently (command PROG OTP, #19H)
•
Magnetic Field Optimization
This programming option allows the user to match the vertical distance of the magnet with the optimum magnetic field
range of the AS5030 by setting the sensitivity level.
The 2-bit user programmable sensitivity setting can be applied both temporarily (command WRITE OTP, #1FH) or
permanently (command PROG OTP, #19H)
5.1.2
Reduced Power mode programming options
These temporary programming options are also carried out over the serial interface. See 5.2.2.
•
Low Power Mode
Low Power Mode is a power saving mode with fast start-up. In Low Power Mode, all internal digital registers are frozen
and the power consumption is reduced to max. 1.5mA. The serial interface remains active. Start-up from this mode to
normal operation can be accomplished within 150µs. This mode is recommended for applications, where low power,
but fast start-up and short reading cycle intervals are required.
•
Ultra Low Power Mode
Ultra Low Power Mode is a power saving mode with even reduced power-down current consumption. In this mode, all
chip functions are frozen and the power consumption is reduced to max. 50µA. The serial interface remains active.
Start-up from this mode to normal operation can be accomplished within 500µs. This mode is recommended for
applications, where very low average power consumption is required, e.g. for battery operated equipment. For
example, in a cycled operation with 10 readings per second, the average power consumption of the AS5030 can be
reduced to only 120µA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com