Electronic Components Datasheet Search
  English  ▼

X  

CHA2294 Datasheet(PDF) 3 Page - United Monolithic Semiconductors

Part # CHA2294
Description  35-40GHz Low Noise, Variable Gain Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2294 Datasheet(HTML) 3 Page - United Monolithic Semiconductors

  CHA2294 Datasheet HTML 1Page - United Monolithic Semiconductors CHA2294 Datasheet HTML 2Page - United Monolithic Semiconductors CHA2294 Datasheet HTML 3Page - United Monolithic Semiconductors CHA2294 Datasheet HTML 4Page - United Monolithic Semiconductors CHA2294 Datasheet HTML 5Page - United Monolithic Semiconductors CHA2294 Datasheet HTML 6Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
35-40GHz LNA VGA
CHA2294
Ref. : DSCHA22942183 -01-July-02
3/6
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Typical on wafer Measurements
Bias Conditions : V5=Vd2=Vd3,4= 5 Volt, Vg1 for Id1= 20mA, Vg2=Vg3,4 = -0.3V, Vc=1.2V
Gain & Noise Figure versus frequency
Gain & Return Loss versus frequency
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
32
34
36
38
40
Frequency (GHz)
S21 (dB)
S11 (dB)
S22 (dB)
0
2
4
6
8
10
12
14
16
18
20
22
24
26
35
36
37
38
39
40
Frequency (GHz)
Gain (dB)
NF (dB)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com