Electronic Components Datasheet Search
  English  ▼

X  

CHA2294 Datasheet(PDF) 1 Page - United Monolithic Semiconductors

Part # CHA2294
Description  35-40GHz Low Noise, Variable Gain Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2294 Datasheet(HTML) 1 Page - United Monolithic Semiconductors

  CHA2294 Datasheet HTML 1Page - United Monolithic Semiconductors CHA2294 Datasheet HTML 2Page - United Monolithic Semiconductors CHA2294 Datasheet HTML 3Page - United Monolithic Semiconductors CHA2294 Datasheet HTML 4Page - United Monolithic Semiconductors CHA2294 Datasheet HTML 5Page - United Monolithic Semiconductors CHA2294 Datasheet HTML 6Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CHA2294
Ref. : DSCHA22942183 -01-July-02
1/6
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
35-40GHz Low Noise, Variable Gain Amplifier
GaAs Monolithic Microwave IC
Description
The CHA2294 is a high gain
four-stage
monolithic low noise amplifier with variable gain.
It is designed for a wide range of applications,
from
military
to
commercial
communication
systems.The backside of the chip is both RF and
DC grounded. This helps simplify the assembly
process.
The circuit is manufactured with a PM-HEMT
process, 0.25µm gate length, via holes through
the substrate, air bridges and electron beam
gate lithography.
It is available in chip form.
Main Features
• Frequency range : 35-40GHz
• 4.0dB Noise Figure.
• 22dB gain
• Gain control range: 15dB
• Low DC power consumption, 120mA @ 5V
• Chip size : 2.32 X 1.235 X 0.10 mm
V5
Vd2
Vd3,4
Vg1
Vg2
Vg3.4
Vc
OUT
IN
Typical on wafer measurements :Gain & NF
Main Characteristics
Tamb. = 25°C
Parameter
Min
Typ
Max
Unit
Fop
Operating frequency range
35
40
GHz
G
Small signal gain
22
dB
NF
Noise figure
4
dB
Gctrl
Gain control range with Vc variation
15
dB
Id
Bias current
120
mA
ESD Protection : Electrostatic discharge sensitive device. Observe handling precautions !
0
2
4
6
8
10
12
14
16
18
20
22
24
26
35
36
37
38
39
40
Frequency (GHz)
Gain (dB)
NF (dB)


Similar Part No. - CHA2294

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2294 UMS-CHA2294 Datasheet
181Kb / 6P
35-40GHz Low Noise, Variable Gain Amplifier
CHA2294-99F/00 UMS-CHA2294-99F/00 Datasheet
181Kb / 6P
35-40GHz Low Noise, Variable Gain Amplifier
CHA2294 UMS-CHA2294_07 Datasheet
181Kb / 6P
35-40GHz Low Noise, Variable Gain Amplifier
More results

Similar Description - CHA2294

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2094B UMS-CHA2094B Datasheet
111Kb / 8P
36-40GHz Low Noise High Gain Amplifier
CHA2097A UMS-CHA2097A Datasheet
120Kb / 8P
20-40GHz Variable Gain Amplifier
logo
DAICO Industries, Inc.
DAML6273 DAICO-DAML6273 Datasheet
176Kb / 1P
Variable Gain Low Noise Amplifier
logo
United Monolithic Semic...
CHA3694 UMS-CHA3694 Datasheet
569Kb / 12P
31-40GHz Variable Gain Amplifier
CHA3694-QDG UMS-CHA3694-QDG Datasheet
419Kb / 10P
31-40GHz Variable Gain Amplifier
CHA2294 UMS-CHA2294_07 Datasheet
181Kb / 6P
35-40GHz Low Noise, Variable Gain Amplifier
CHA2094B UMS-CHA2094B_15 Datasheet
128Kb / 8P
36-40GHz Low Noise High Gain Amplifier
CHA2097A UMS-CHA2097A_15 Datasheet
143Kb / 8P
20-40GHz Variable Gain Amplifier
CHA3694 UMS-CHA3694_15 Datasheet
327Kb / 12P
31-40GHz Variable Gain Amplifier
CHA3694-QDG UMS-CHA3694-QDG_15 Datasheet
513Kb / 16P
31-40GHz Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com