Electronic Components Datasheet Search
  English  ▼

X  

CHA2391 Datasheet(PDF) 7 Page - United Monolithic Semiconductors

Part # CHA2391
Description  36-40GHz Very Low Noise Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2391 Datasheet(HTML) 7 Page - United Monolithic Semiconductors

  CHA2391 Datasheet HTML 1Page - United Monolithic Semiconductors CHA2391 Datasheet HTML 2Page - United Monolithic Semiconductors CHA2391 Datasheet HTML 3Page - United Monolithic Semiconductors CHA2391 Datasheet HTML 4Page - United Monolithic Semiconductors CHA2391 Datasheet HTML 5Page - United Monolithic Semiconductors CHA2391 Datasheet HTML 6Page - United Monolithic Semiconductors CHA2391 Datasheet HTML 7Page - United Monolithic Semiconductors CHA2391 Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
36-40GHz Very Low Noise Amplifier
CHA2391
Ref. : DSCHA23912240 -28-Aug.-02
7/8
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Chip Biasing
This chip is a two stage amplifier, and flexibility is provided by the access to number of pads.
The internal DC electrical schematic is given in order to use these pads in a safe way.
IN
OUT
Vg 1
Vg 2
25
50
Vd
Vds1
Vds2
The two requirements are :
N°1 : Not exceed Vds = 3.5Volt
( internal Drain to Source voltage ).
We propose two standard biasing :
Low Noise and low consumption :
Vd = 3.5V and Id = 30mA.
Low Noise and high output power :
Vd = 4.0V and Id = 45mA.( A separate access to
the gate voltages of the first and the output stage is provided. Nominal bias is obtained for a
typical current of 30mA for the output stage and 15 mA for the first stage. The first step to
bias the amplifier is to tune the Vg1 =-1V and Vg2 to drive 30mA for the full amplifier. Then
Vg1 is reduced to obtain 45 mA of current through the amplifier.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com