Electronic Components Datasheet Search
  English  ▼

X  

CHA2391 Datasheet(PDF) 2 Page - United Monolithic Semiconductors

Part # CHA2391
Description  36-40GHz Very Low Noise Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2391 Datasheet(HTML) 2 Page - United Monolithic Semiconductors

  CHA2391 Datasheet HTML 1Page - United Monolithic Semiconductors CHA2391 Datasheet HTML 2Page - United Monolithic Semiconductors CHA2391 Datasheet HTML 3Page - United Monolithic Semiconductors CHA2391 Datasheet HTML 4Page - United Monolithic Semiconductors CHA2391 Datasheet HTML 5Page - United Monolithic Semiconductors CHA2391 Datasheet HTML 6Page - United Monolithic Semiconductors CHA2391 Datasheet HTML 7Page - United Monolithic Semiconductors CHA2391 Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CHA2391
36-40GHz Very Low Noise Amplifier
Ref. : DSCHA23912240 -28-Aug.-02
2/8
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Electrical Characteristics
Tamb = +25°C,
Bias Conditions:Vd = +4V
Symbol
Parameter
Min
Typ
Max
Unit
Fop
Operating frequency range
36
40
Ghz
G
Gain (1)
12
15
dB
∆G
Gain flatness (1)
± 0.5
± 1.0
dB
NF
Noise figure (1)
2.5
3
dB
VSWRin
Input VSWR (1)
3.0:1
VSWRout
Ouput VSWR (1)
3.0:1
IP3
3rd order intercept point
20
dBm
P1dB
Output power at 1dB gain compression
12
dBm
Vd
DC Voltage
Vd
Vg
-2
4
-0.25
4.5
+0.4
V
Id
Drain bias current (2)
45
mA
(1) These values are representative of on-wafer measurements that are made without bonding wires
at the RF ports.When the chip is attached with typical 0.15nH input and output bonding wires, the
indicated parameters should be improved
.
(2) 45 mA is the typical bias current used for on wafer measurements, with Vg1= Vg2.
For optimum noise figure, the bias current could be reduced down to 30 mA, adjusting the
Vg1,2 voltage.
Absolute Maximum Ratings (1)
Tamb = +25°C
Symbol
Parameter
Values
Unit
Vd
Drain bias voltage
5.0
V
Vg
Gate bias voltage
-2.0 to +0.4
V
Vdg
Maximum drain to gate voltage (Vd-Vg)
+5.0
V
Pin
Maximum peak input power overdrive (2)
+15
dBm
Pin
Maximum continuous input power
+1
dBm
Top
Operating temperature range
-40 to +85
°C
Tsg
Storage temperature range
-55 to +125
°C
(1) Operation of this device above anyone of these paramaters may cause permanent damage.
(2) Duration < 1s.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com