Electronic Components Datasheet Search
  English  ▼

X  

CHA3063 Datasheet(PDF) 3 Page - United Monolithic Semiconductors

Part # CHA3063
Description  5.5-23GHz Driver Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA3063 Datasheet(HTML) 3 Page - United Monolithic Semiconductors

  CHA3063 Datasheet HTML 1Page - United Monolithic Semiconductors CHA3063 Datasheet HTML 2Page - United Monolithic Semiconductors CHA3063 Datasheet HTML 3Page - United Monolithic Semiconductors CHA3063 Datasheet HTML 4Page - United Monolithic Semiconductors CHA3063 Datasheet HTML 5Page - United Monolithic Semiconductors CHA3063 Datasheet HTML 6Page - United Monolithic Semiconductors CHA3063 Datasheet HTML 7Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
5.5-23GHz Driver Amplifier
CHA3063
Ref : DSCHA30632263 -20-Sept.-02
3/7
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Typical Scattering Parameters ( On wafer Sij measurements)
Bias Conditions :
Vd1,2= 4V, Vg = -0.27V, Id = 160 mA.
FREQ
S11
S11
S12
S12
S21
S21
S22
S22
GHz
dB
/°dB
/°dB
/°dB
/°
1,0
-0,3
-35,6
-60,9
84,0
-12,7
86,9
-0,6
-35,0
2,0
-0,7
-75,6
-63,1
142,8
-13,7
-179,2
-1,4
-67,7
3,0
-3,4
-113,7
-54,5
-53,2
11,6
123,1
-4,7
-93,2
4,0
-5,7
-140,7
-53,1
138,2
15,2
58,5
-6,2
-111,6
5,0
-7,9
-170,3
-43,5
67,4
16,4
19,0
-7,4
-133,3
6,0
-9,0
162,5
-44,2
34,7
18,8
-12,3
-11,1
-149,1
7,0
-11,3
121,8
-41,0
13,6
19,3
-46,9
-12,0
-155,1
8,0
-13,5
82,5
-38,7
-16,7
18,9
-75,2
-11,6
-173,2
9,0
-14,3
39,7
-37,6
-39,6
19,1
-100,4
-12,9
171,7
10,0
-14,0
0,9
-37,1
-61,4
19,3
-125,2
-14,4
165,8
11,0
-13,2
-34,0
-36,7
-82,9
19,5
-150,7
-13,7
164,9
12,0
-13,2
-62,6
-35,6
-107,7
19,6
-175,1
-13,5
148,9
13,0
-15,3
-95,8
-36,0
-126,6
19,5
159,3
-11,9
131,3
14,0
-16,7
-125,2
-35,0
-148,4
19,2
133,1
-11,9
116,0
15,0
-21,2
-125,5
-34,7
-175,9
18,5
111,1
-13,1
95,0
16,0
-18,6
-140,0
-36,4
170,4
18,2
89,1
-14,7
79,9
17,0
-19,8
-124,7
-36,4
137,3
18,1
70,4
-19,5
72,4
18,0
-18,8
-172,0
-38,5
135,9
18,1
44,3
-17,4
72,2
19,0
-20,8
101,6
-37,4
154,6
18,0
22,0
-18,5
57,4
20,0
-19,8
23,1
-35,2
125,8
18,0
-2,5
-19,4
47,4
21,0
-15,4
-14,7
-34,0
101,5
18,2
-26,4
-23,3
32,5
22,0
-14,2
-34,2
-33,8
71,7
18,9
-57,7
-21,4
76,8
23,0
-11,5
-43,5
-35,3
46,5
19,5
-89,3
-16,9
77,6
24,0
-11,6
-30,9
-33,1
-0,4
20,4
-144,0
-6,3
46,6
25,0
-3,9
-46,7
-34,9
-86,0
17,6
153,9
-3,1
-13,3
26,0
-2,0
-74,8
-35,3
-172,0
10,9
104,5
-3,2
-59,0
27,0
-1,3
-99,2
-39,7
157,6
3,9
69,9
-4,3
-90,9
28,0
-1,3
-115,8
-33,9
138,6
-3,5
44,6
-4,7
-113,7
29,0
-1,3
-128,4
-32,3
128,4
-12,1
29,3
-5,0
-133,9
30,0
-1,2
-140,1
-28,7
96,4
-21,0
47,7
-5,9
-153,6



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com