Electronic Components Datasheet Search
  English  ▼

X  

CHA3093C Datasheet(PDF) 3 Page - United Monolithic Semiconductors

Part # CHA3093C
Description  20-40GHz Medium Power Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA3093C Datasheet(HTML) 3 Page - United Monolithic Semiconductors

  CHA3093C Datasheet HTML 1Page - United Monolithic Semiconductors CHA3093C Datasheet HTML 2Page - United Monolithic Semiconductors CHA3093C Datasheet HTML 3Page - United Monolithic Semiconductors CHA3093C Datasheet HTML 4Page - United Monolithic Semiconductors CHA3093C Datasheet HTML 5Page - United Monolithic Semiconductors CHA3093C Datasheet HTML 6Page - United Monolithic Semiconductors CHA3093C Datasheet HTML 7Page - United Monolithic Semiconductors CHA3093C Datasheet HTML 8Page - United Monolithic Semiconductors CHA3093C Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
20-40GHz Medium Power Amplifier
CHA3093c
Ref. : DSCHA30932158 -07-June-02
3/10
Specifications subject to change without notice
United Monolithic Semiconductors S.A.S.
Route Départementale 128 - B.P.46 - 91401 Orsay Cedex France
Tel. : +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Typical Scattering Parameters ( On wafer Sij measurements )
Bias Conditions :
Vd1,2,3,4 = 3.5 Volt, Vg1=Vg2,3,4 for Id total = 330 mA.
Freq
mod
pha
mod
pha
mod
pha
mod
pha
GHz
dB
/°dB
/°dB
/°dB
/°
2,00
-9,77
166,10
-79,63
85,41
-44,50
11,25
-0,06
-16,47
4,00
-9,97
159,94
-78,88
19,46
-45,28
64,07
-0,17
-32,94
6,00
-10,97
144,60
-63,16
-150,36
-32,41
-15,70
-0,26
-48,70
8,00
-12,23
141,58
-67,81
-92,96
-30,97
-73,10
-0,19
-66,41
10,00
-13,30
132,93
-76,00
168,10
-39,55
-81,72
-0,32
-86,37
12,00
-14,19
127,48
-69,79
162,87
-12,99
-8,19
-0,95
-109,99
14,00
-15,25
119,12
-68,09
-141,61
4,59
-92,82
-3,13
-134,29
16,00
-16,90
109,51
-56,64
151,79
14,64
166,69
-6,28
-148,92
18,00
-18,45
101,39
-77,66
-40,17
20,56
66,78
-12,44
-152,39
20,00
-18,27
99,66
-54,79
30,38
23,06
-25,87
-11,02
-127,42
21,00
-20,55
75,06
-69,47
-61,55
23,87
-67,24
-8,60
-138,79
22,00
-20,72
49,52
-57,54
-51,49
24,20
-106,39
-7,90
-148,31
23,00
-29,56
58,15
-54,03
-168,51
23,40
-146,58
-10,21
-167,46
24,00
-23,58
58,28
-56,11
107,75
22,98
-173,95
-10,20
-161,72
25,00
-21,33
29,56
-54,05
67,67
22,93
156,61
-10,87
-166,58
26,00
-21,32
-8,76
-62,57
-37,46
23,05
125,30
-11,82
179,69
27,00
-22,06
-29,59
-63,41
-139,56
22,56
96,27
-13,75
179,91
28,00
-22,21
-31,27
-56,43
165,63
21,93
70,69
-13,72
-176,79
29,00
-19,66
-44,67
-59,88
138,12
22,19
43,16
-13,95
168,88
30,00
-17,80
-56,40
-58,46
132,33
21,80
16,81
-15,15
167,61
31,00
-17,46
-61,68
-56,48
154,53
21,36
-6,65
-15,78
157,73
32,00
-15,16
-70,64
-52,06
105,41
21,50
-31,90
-15,57
137,58
33,00
-15,09
-83,96
-56,43
63,48
20,88
-56,82
-20,24
133,08
34,00
-14,57
-89,19
-59,91
89,24
20,82
-81,12
-19,36
132,46
35,00
-13,80
-92,45
-54,72
94,43
20,70
-104,79
-18,36
101,23
36,00
-13,55
-97,98
-54,97
59,43
20,47
-129,10
-20,65
80,50
37,00
-12,80
-102,27
-54,75
93,32
20,11
-154,27
-17,69
61,37
38,00
-12,55
-108,34
-54,06
58,24
19,72
-177,11
-18,18
37,45
39,00
-12,64
-110,41
-53,05
50,25
19,84
159,83
-15,31
24,91
40,00
-12,53
-108,87
-50,99
30,11
19,49
133,90
-13,49
5,75
41,00
-11,23
-110,01
-52,73
3,78
19,40
108,31
-11,73
-9,23
42,00
-10,73
-118,61
-56,04
22,66
18,88
81,37
-11,60
-21,67
43,00
-10,79
-124,01
-56,86
-6,86
18,38
56,83
-10,29
-23,61
44,00
-10,93
-121,39
-52,92
-31,58
18,36
32,20
-8,52
-33,55
45,00
-10,92
-125,62
-52,23
-85,31
18,33
-0,36
-7,30
-45,47
46,00
-11,37
-121,74
-60,67
-166,71
17,03
-37,26
-7,39
-51,37
48,00
-8,41
-103,89
-53,21
-121,20
13,67
-104,46
-4,69
-68,35
50,00
-5,96
-119,91
-58,10
116,39
6,60
-158,83
-3,75
-85,06
52,00
-3,89
-131,50
-52,69
160,04
-0,07
156,43
-3,23
-99,24
54,00
-2,88
-146,98
-60,21
15,97
-7,50
118,68
-2,74
-112,94
56,00
-2,21
-160,52
-52,63
159,63
-16,29
95,16
-2,57
-124,78
58,00
-2,02
-173,49
-55,84
-175,77
-29,86
112,18
-2,56
-135,15
60,00
-1,87
175,37
-49,76
95,59
-23,82
170,18
-2,53
-145,16
S11
S12
S21
S22



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com