Electronic Components Datasheet Search
  English  ▼

X  

CHA3093C Datasheet(PDF) 2 Page - United Monolithic Semiconductors

Part # CHA3093C
Description  20-40GHz Medium Power Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA3093C Datasheet(HTML) 2 Page - United Monolithic Semiconductors

  CHA3093C Datasheet HTML 1Page - United Monolithic Semiconductors CHA3093C Datasheet HTML 2Page - United Monolithic Semiconductors CHA3093C Datasheet HTML 3Page - United Monolithic Semiconductors CHA3093C Datasheet HTML 4Page - United Monolithic Semiconductors CHA3093C Datasheet HTML 5Page - United Monolithic Semiconductors CHA3093C Datasheet HTML 6Page - United Monolithic Semiconductors CHA3093C Datasheet HTML 7Page - United Monolithic Semiconductors CHA3093C Datasheet HTML 8Page - United Monolithic Semiconductors CHA3093C Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
20-40GHz Medium Power Amplifier
CHA3093c
Ref. : DSCHA30932158 -07-June-02
2/10
Specifications subject to change without notice
United Monolithic Semiconductors S.A.S.
Route Départementale 128 - B.P.46 - 91401 Orsay Cedex France
Tel. : +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Electrical Characteristics for Broadband Operation
Tamb = +25°C, Vd1,2,3,4 = 3.5V Id=330mA
Symbol
Parameter
Min
Typ
Max
Unit
Fop
Operating frequency range (1)
20
40
GHz
G
Small signal gain [ 20GHz to 35GHz](1)
20
22
dB
G
Small signal gain (1)
18
dB
∆G
Small signal gain flatness (1) (Any 1GHz BW)
±0.5
dB
Is
Reverse isolation (1)
50
dB
P1dB
Pulsed output power at 1dB gain compression (1)
18
20
dBm
P3dB
Pulsed output power at 3dB gain compression (1)
20
22
dBm
IP3
3
rd order intercept point
29
dBm
PAE
Power added efficiency at saturation
10
%
VSWRin
Input VSWR (1)
1.2:1
2.0:1
VSWRout
Output VSWR (1)
2.0:1
3.0:1
NF
Noise figure
8.0
10.0
dB
Vdet
Detected voltage : at 25GHz @ Pout=20dBm (2)
Detected voltage : at 38GHz @ Pout=20dBm (2)
0.65
0.45
V
V
Id
Bias current (small signal)
330
400
mA
(1)
These values are representative for pulsed on-wafer measurements that are made without bonding wires at the RF ports.
(2)
In the case of a jig or a module CW mode operation, the typical output power may be around 2dB less.
(2) Voltage across an external 10kOhm parallel resistor connected to the voltage detector pad.
Absolute Maximum Ratings (1)
Symbol
Parameter
Values
Unit
Vds
Drain bias voltage_small signal (2)
4.0
V
Ids
Drain bias current_small signal
470
mA
Vgs
Gate bias voltage
-2 to +0.4
V
Vdg
Drain Gate voltage (Vds – Vgs)
+5
V
Pin
Maximum continuous input power (2)
Maximum peak input power overdrive (3)
+4 (@ 20GHz)
-1 (@ 40GHz)
+15
dBm
dBm
Ta
Operating temperature range
-40 to +85
°C
Tstg
Storage temperature range
-55 to +125
°C
(1) Operation of this device above anyone of these parameters may cause permanent damage.
(2) Duration < 1s.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com