Electronic Components Datasheet Search
  English  ▼

X  

CHA5010B Datasheet(PDF) 3 Page - United Monolithic Semiconductors

Part # CHA5010B
Description  X Band Driver Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA5010B Datasheet(HTML) 3 Page - United Monolithic Semiconductors

  CHA5010B Datasheet HTML 1Page - United Monolithic Semiconductors CHA5010B Datasheet HTML 2Page - United Monolithic Semiconductors CHA5010B Datasheet HTML 3Page - United Monolithic Semiconductors CHA5010B Datasheet HTML 4Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
X Band Driver Amplifier
CHA5010b
Ref. : DSCHA50100096 - 05-Apr-00
3/4
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Typical On Wafer Scattering Parameters
Tamb = +25°C, Bias Conditions : Vd = +3.5V, Vg = -1.5V
Freq.
GHz
S11
dB
S11
//°
S12
dB
S12
//°
S21
dB
S21
//°
S22
dB
S22
//°
2.00
-5.35
-109.2
-55.93
-22.8
-17.94
61.1
-0.89
-113.5
2.50
-3.66
-124.6
-49.08
-104.8
-12.92
-13.8
-5.12
-132.4
3.00
-2.44
-139.2
-55.27
146.9
-22.15
-111.5
-1.14
-127.3
3.50
-1.64
-153.7
-65.52
-164.9
-32.08
-148.9
-0.66
-148.8
4.00
-1.23
-168.0
-65.41
174.6
-41.95
173.3
-0.79
-166.6
4.50
-1.14
178.2
-66.55
111.1
-55.23
170.7
-1.10
175.7
5.00
-1.35
164.6
-62.69
58.7
-41.77
-130.7
-1.69
157.1
5.50
-1.85
150.7
-63.21
17.3
-24.61
-130.4
-2.70
135.3
6.00
-2.76
136.2
-61.27
25.1
-7.89
177.7
-4.52
107.9
6.50
-4.02
121.9
-52.79
-30.6
0.85
102.2
-7.17
70.7
7.00
-5.77
103.0
-45.72
-76.9
6.90
45.0
-9.17
6.2
7.50
-9.90
70.0
-38.39
-139.7
13.60
-16.2
-6.75
-76.9
8.00
-30.64
-156.2
-33.93
139.3
17.69
-100.9
-7.63
-155.2
8.50
-16.21
158.2
-34.35
72.7
16.58
-171.5
-17.46
-143.4
9.00
-17.14
154.5
-34.69
26.2
15.54
138.6
-10.44
-121.2
9.50
-16.15
161.7
-34.10
-15.8
15.56
93.0
-6.80
-145.7
10.00
-14.23
140.0
-32.64
-63.2
16.05
42.9
-5.52
177.5
10.50
-14.32
79.1
-32.41
-118.3
15.80
-15.8
-6.78
121.5
11.00
-12.68
-4.8
-34.15
-174.5
13.21
-75.2
-9.67
41.0
11.50
-9.50
-53.5
-37.14
140.8
9.36
-123.9
-8.56
-26.9
12.00
-7.26
-78.7
-40.31
103.6
5.50
-164.3
-6.54
-61.6
12.50
-5.60
-94.5
-43.56
69.4
1.81
159.5
-5.09
-81.6
13.00
-4.23
-106.5
-46.48
44.1
-1.77
125.7
-4.02
-95.5
13.50
-3.17
-117.0
-49.61
13.0
-5.36
93.8
-3.23
-105.9
14.00
-2.32
-126.3
-51.81
-18.7
-8.95
63.3
-2.58
-114.3
14.50
-1.69
-134.9
-54.83
-53.3
-12.57
33.7
-2.06
-121.6
15.00
-1.28
-142.7
-59.52
-66.4
-16.24
4.8
-1.66
-128.1
15.50
-0.91
-149.7
-62.73
-147.8
-19.95
-24.0
-1.34
-134.2
16.00
-0.69
-155.9
-61.49
170.2
-24.09
-53.2
-1.07
-139.8
16.50
-0.54
-161.7
-68.06
127.7
-28.46
-82.7
-0.85
-145.0
17.00
-0.43
-166.8
-58.31
125.2
-33.59
-109.6
-0.69
-149.6
17.50
-0.40
-171.6
-58.30
126.4
-38.98
-136.5
-0.56
-154.0
18.00
-0.38
-175.6
-63.76
97.9
-45.29
-159.7
-0.45
-157.7



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com