Electronic Components Datasheet Search
  English  ▼

X  

CHA5010B Datasheet(PDF) 1 Page - United Monolithic Semiconductors

Part # CHA5010B
Description  X Band Driver Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA5010B Datasheet(HTML) 1 Page - United Monolithic Semiconductors

  CHA5010B Datasheet HTML 1Page - United Monolithic Semiconductors CHA5010B Datasheet HTML 2Page - United Monolithic Semiconductors CHA5010B Datasheet HTML 3Page - United Monolithic Semiconductors CHA5010B Datasheet HTML 4Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CHA5010b
Ref. : DSCHA50100096 - 05-Apr-00
1/4
Specifications subject to change without notice
United Monolithic Semiconductors S.A.S.
Route Départementale 128 - B.P.46 - 91401 Orsay Cedex France
Tel. : +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
X Band Driver Amplifier
GaAs Monolithic Microwave IC
Description
This CHA5010b is a two-stage monolithic
driver amplifier.
The
circuit
is
manufactured
with
a
standard MESFET process : via holes
through the substrate, air bridges and
electron beam gate lithography.
It is available in chip form.
Main Features
¦
Broadband performance : 9-10.5GHz
¦
27dBm output power
(pulsed meas., -1dB gain compression)
¦
15dB gain
¦
± 1.5dB gain flatness
¦
Chip size : 2,09 x 1,27 x 0.10 mm
IN
OUT
Vg
Vd
Main Characteristics
Tamb. = 25°C
Symbol
Parameter
Min
Typ
Max
Unit
Fop
Operating frequency range
9
10.5
GHz
G
Small signal gain
14
15
dB
Pout
Output power
(Pulsed meas., Pin = +13dBm)
26
27
dBm
ESD Protection : Electrostatic discharge sensitive device. Observe handling precautions !


Similar Part No. - CHA5010B

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA5012 UMS-CHA5012 Datasheet
715Kb / 8P
X Band Driver Amplifier
CHA5012 UMS-CHA5012 Datasheet
514Kb / 10P
X Band Driver Amplifier
CHA5012 UMS-CHA5012 Datasheet
526Kb / 10P
X Band Driver Amplifier
CHA5012-99F UMS-CHA5012-99F Datasheet
514Kb / 10P
X Band Driver Amplifier
CHA5012-99F00 UMS-CHA5012-99F00 Datasheet
514Kb / 10P
X Band Driver Amplifier
More results

Similar Description - CHA5010B

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2700 TRIQUINT-TGA2700 Datasheet
223Kb / 15P
X-Band Driver Amplifier
logo
United Monolithic Semic...
CHA5012 UMS-CHA5012 Datasheet
715Kb / 8P
X Band Driver Amplifier
logo
HBH Microwave GmbH
HA5002 HBH-HA5002 Datasheet
17Kb / 1P
X-Band Amplifier
logo
United Monolithic Semic...
CHA5012 UMS-CHA5012_10 Datasheet
514Kb / 10P
X Band Driver Amplifier
logo
TriQuint Semiconductor
TGA2700 TRIQUINT-TGA2700_15 Datasheet
614Kb / 16P
X Band Driver Amplifier
TGA4512-SM TRIQUINT-TGA4512-SM_15 Datasheet
670Kb / 13P
Ka-Band Driver Amplifier
logo
United Monolithic Semic...
CHA5012 UMS-CHA5012_15 Datasheet
526Kb / 10P
X Band Driver Amplifier
CHA5014-99F UMS-CHA5014-99F_15 Datasheet
591Kb / 8P
X Band HBT Driver Amplifier
logo
TriQuint Semiconductor
TGA4042 TRIQUINT-TGA4042 Datasheet
407Kb / 10P
Q-Band Driver Amplifier
logo
Qorvo, Inc
TGA2700 QORVO-TGA2700 Datasheet
467Kb / 16P
X ??Band Driver Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com