Electronic Components Datasheet Search
  English  ▼

X  

CHA5042 Datasheet(PDF) 4 Page - United Monolithic Semiconductors

Part # CHA5042
Description  13-16GHz High Power Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA5042 Datasheet(HTML) 4 Page - United Monolithic Semiconductors

  CHA5042 Datasheet HTML 1Page - United Monolithic Semiconductors CHA5042 Datasheet HTML 2Page - United Monolithic Semiconductors CHA5042 Datasheet HTML 3Page - United Monolithic Semiconductors CHA5042 Datasheet HTML 4Page - United Monolithic Semiconductors CHA5042 Datasheet HTML 5Page - United Monolithic Semiconductors CHA5042 Datasheet HTML 6Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CHA5042
13-16GHz High Power Amplifier
Ref. : DSCHA50422218 -06-Aug.-02
4/6
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
MMIC Outline & Bond Pads
Not to scale, dimensions are in millimeters
1.37
±0.35
1.33
±0.35
1
2
3
4
5
6
7
8
(0, 0)
Bond Pad
Symbol
x-dim.
y-dim.
x-center
y-center
(um)
(um)
(um)
(um)
1
RF input
100
200
100
820
2
Vd1
100
100
285
1230
3
Vd2
100
90
450
1230
4
Vd3
100
100
1120
1235
5
RF output
100
200
1285
790
6
Vg3
100
100
1280
155
7
Vg2
100
100
895
105
8
Vg1
100
100
505
105
Chip size : 1370µm +/-35µm x 1330µm +/- 35µm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com