Electronic Components Datasheet Search
  English  ▼

X  

CHA5042 Datasheet(PDF) 1 Page - United Monolithic Semiconductors

Part # CHA5042
Description  13-16GHz High Power Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA5042 Datasheet(HTML) 1 Page - United Monolithic Semiconductors

  CHA5042 Datasheet HTML 1Page - United Monolithic Semiconductors CHA5042 Datasheet HTML 2Page - United Monolithic Semiconductors CHA5042 Datasheet HTML 3Page - United Monolithic Semiconductors CHA5042 Datasheet HTML 4Page - United Monolithic Semiconductors CHA5042 Datasheet HTML 5Page - United Monolithic Semiconductors CHA5042 Datasheet HTML 6Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CHA5042
Ref. : DSCHA50422218 -06-Aug.-02
1/6
Specifications subject to change without notice
United Monolithic Semiconductors S.A.S.
Route Départementale 128 - B.P.46 - 91401 Orsay Cedex France
Tel. : +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
13–16GHz High Power Amplifier
GaAs Monolithic Microwave IC
Description
The CHA5042 is a three-stage pHEMT
HPA MMIC designed for VSAT ground
terminals and other radio applications. The
CHA5042
provides
29.5dBm
nominal
output power at 1dB gain compression
over the 13-16GHz frequency range, and
26dB small-signal gain. This product will be
available in chip form.
Main Features
¾ Frequency Range:
13-16GHz
¾ Gain:
26dB
¾ Output Power (P-1dB): 29.5dBm
¾ Output TOI:
37.5dBm
¾ Input Return Loss:
15dB
¾ Output Return Loss:
15dB
¾ Bias:
9V, 0.4A
¾ Dimensions: 1.37 x 1.33 x 0.07 mm
Predicted
Gain
&
Return
5
10
15
20
25
30
11
12
13
14
15
16
17
18
FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
GAIN (dB)
Input Return Loss (dB)
Output Return
Loss (dB)


Similar Part No. - CHA5042

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA5010B UMS-CHA5010B Datasheet
54Kb / 4P
X Band Driver Amplifier
CHA5010B99F/00 UMS-CHA5010B99F/00 Datasheet
54Kb / 4P
X Band Driver Amplifier
CHA5012 UMS-CHA5012 Datasheet
715Kb / 8P
X Band Driver Amplifier
CHA5012 UMS-CHA5012 Datasheet
514Kb / 10P
X Band Driver Amplifier
CHA5012 UMS-CHA5012 Datasheet
526Kb / 10P
X Band Driver Amplifier
More results

Similar Description - CHA5042

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA6042 UMS-CHA6042 Datasheet
90Kb / 6P
13-16GHz High Power Amplifier
logo
Filtronic Compound Semi...
FMA3011 FILTRONIC-FMA3011 Datasheet
380Kb / 9P
12.7-16GHZ MMIC POWER AMPLIFIER
FMA3011 FILTRONIC-FMA3011_1 Datasheet
395Kb / 9P
12.7-16GHZ MMIC POWER AMPLIFIER
logo
United Monolithic Semic...
CHA3666-SNF UMS-CHA3666-SNF Datasheet
359Kb / 10P
5.8-16GHz Low Noise Amplifier
CHA5051 UMS-CHA5051 Datasheet
821Kb / 14P
7-16GHz Medium Power Amplifier
CHA5051-QDG UMS-CHA5051-QDG Datasheet
642Kb / 10P
7-16GHz Medium Power Amplifier
CHA5052 UMS-CHA5052 Datasheet
493Kb / 10P
7-16GHz High Power Amplifier
CHA5052-QGG UMS-CHA5052-QGG Datasheet
1Mb / 10P
7-16GHz High Power Amplifier
CHA6664-QDG UMS-CHA6664-QDG Datasheet
325Kb / 10P
12-16GHz 1W High Power Amplifier
CHA3666-FAA UMS-CHA3666-FAA_15 Datasheet
537Kb / 12P
6-16GHz Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com