Electronic Components Datasheet Search
  English  ▼

X  

CHA5290 Datasheet(PDF) 3 Page - United Monolithic Semiconductors

Part # CHA5290
Description  17.7-24GHz Medium Power Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA5290 Datasheet(HTML) 3 Page - United Monolithic Semiconductors

  CHA5290 Datasheet HTML 1Page - United Monolithic Semiconductors CHA5290 Datasheet HTML 2Page - United Monolithic Semiconductors CHA5290 Datasheet HTML 3Page - United Monolithic Semiconductors CHA5290 Datasheet HTML 4Page - United Monolithic Semiconductors CHA5290 Datasheet HTML 5Page - United Monolithic Semiconductors CHA5290 Datasheet HTML 6Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
18-24GHz Medium Power Amplifier
CHA5290
Ref. DSCHA52902295 -22-Oct.-02
3/6
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Typical on Jig Measurements
Bias conditions: Vd=6V, Vg tuned for Id = 400mA
Linear Gain & Return Losses versus frequency
Linear Gain, Output power & associated PAE at 1dB compression versus frequency
-30
-26
-22
-18
-14
-10
-6
-2
2
6
10
14
18
22
26
30
34
14
16
18
20
22
24
26
28
30
32
34
Frequency (GHz)
S11 (dB)
S21 (dB)
S22 (dB)
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
16
17
18
19
20
21
22
23
24
25
Frequency (GHz)
P-1dB (dBm)
Linear Gain (dB)
PAE@ 1dB comp.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com