Electronic Components Datasheet Search
  English  ▼

X  

CHA5290 Datasheet(PDF) 1 Page - United Monolithic Semiconductors

Part # CHA5290
Description  17.7-24GHz Medium Power Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA5290 Datasheet(HTML) 1 Page - United Monolithic Semiconductors

  CHA5290 Datasheet HTML 1Page - United Monolithic Semiconductors CHA5290 Datasheet HTML 2Page - United Monolithic Semiconductors CHA5290 Datasheet HTML 3Page - United Monolithic Semiconductors CHA5290 Datasheet HTML 4Page - United Monolithic Semiconductors CHA5290 Datasheet HTML 5Page - United Monolithic Semiconductors CHA5290 Datasheet HTML 6Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CHA5290
Ref. DSCHA52902295 -22-Oct.-02
1/6
Specifications subject to change without notice
United Monolithic Semiconductors S.A.S.
Route Départementale 128 - B.P.46 - 91401 Orsay Cedex France
Tel. : +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
17.7-24GHz Medium Power Amplifier
GaAs Monolithic Microwave IC
Description
The
CHA5290
is
a
high
gain
four-stage
monolithic
medium
power
amplifier.
It
is
designed for a wide range of applications, from
military
to
commercial
communication
systems. The backside of the chip is both RF
and
DC
grounds.
This
helps
simplify the
assembly process.
The circuit is manufactured with a PM-HEMT
process, 0.25µm gate length, via holes through
the substrate, air bridges and electron beam
gate lithography.
It is available in chip form.
Main Features
■ Performances : 17.7 -24GHz
■ 26dBm output power @ 1dB comp. gain
■ 26 dB ± 1dB gain
■ DC power consumption, 400mA @ 6V
■ Chip size :
3.43 x 1.57 x 0.05 mm
Vd1
Vd2
Vd3
Vd4
Vg1,2
Vg3
Vg4
Vd4
Typical on jig Measurements
Main Characteristics
Tamb. = 25°C
Symbol
Parameter
Min
Typ
Max
Unit
Fop
Operating frequency range
17.7
24
GHz
G
Small signal gain
26
dB
P1dB
Output power at 1dB gain compression
26
dBm
Id
Bias current
400
mA
ESD Protection : Electrostatic discharge sensitive device. Observe handling precautions !
-30
-26
-22
-18
-14
-10
-6
-2
2
6
10
14
18
22
26
30
34
14
16
18
20
22
24
26
28
30
32
34
Frequency (GHz)
S11 (dB)
S21 (dB)
S22 (dB)


Similar Part No. - CHA5290

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA5292A UMS-CHA5292A Datasheet
130Kb / 6P
37-40GHz Medium Power Amplifier
CHA5292A-99F/00 UMS-CHA5292A-99F/00 Datasheet
130Kb / 6P
37-40GHz Medium Power Amplifier
CHA5293A UMS-CHA5293A Datasheet
149Kb / 7P
17-24GHz High Power Amplifier
CHA5293A UMS-CHA5293A Datasheet
228Kb / 8P
17-24GHz High Power Amplifier
CHA5293A-99F/00 UMS-CHA5293A-99F/00 Datasheet
149Kb / 7P
17-24GHz High Power Amplifier
More results

Similar Description - CHA5290

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FMM5805GJ-1 ETC1-FMM5805GJ-1 Datasheet
235Kb / 4P
17.7-19.7GHz Power Amplifier MMIC
logo
Eudyna Devices Inc
FMM5811GJ-1 EUDYNA-FMM5811GJ-1 Datasheet
132Kb / 4P
17.7-23.6GHz Power Amplifier MMIC
FMM5815GJ-1 EUDYNA-FMM5815GJ-1 Datasheet
95Kb / 4P
17.7-19.7GHz Power Amplifier MMIC
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5033 AVAGO-AMMC-5033 Datasheet
398Kb / 9P
17.7 - 32 GHz Power Amplifier
logo
United Monolithic Semic...
CHA5293A UMS-CHA5293A_06 Datasheet
228Kb / 8P
17-24GHz High Power Amplifier
CHA4253AQQG UMS-CHA4253AQQG_15 Datasheet
659Kb / 14P
17- 24GHz Medium Power Amplifier
CHA5050-QDG UMS-CHA5050-QDG_15 Datasheet
693Kb / 14P
17-24GHz Medium Power Amplifier
CHA5350-99F UMS-CHA5350-99F_15 Datasheet
402Kb / 12P
17-24GHz Medium Power Amplifier
CHA6362-QXG UMS-CHA6362-QXG Datasheet
1Mb / 16P
17.7 - 19.7GHz Power Amplifier
logo
Broadcom Corporation.
AMMC-5033 BOARDCOM-AMMC-5033 Datasheet
371Kb / 9P
17.7 - 32 GHz Power Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com