Electronic Components Datasheet Search
  English  ▼

X  

DM9008CEP Datasheet(PDF) 13 Page - Davicom Semiconductor, Inc.

Part # DM9008CEP
Description  Ethernet Controller With General Processor Interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9008CEP Datasheet(HTML) 13 Page - Davicom Semiconductor, Inc.

Back Button DM9008CEP Datasheet HTML 9Page - Davicom Semiconductor, Inc. DM9008CEP Datasheet HTML 10Page - Davicom Semiconductor, Inc. DM9008CEP Datasheet HTML 11Page - Davicom Semiconductor, Inc. DM9008CEP Datasheet HTML 12Page - Davicom Semiconductor, Inc. DM9008CEP Datasheet HTML 13Page - Davicom Semiconductor, Inc. DM9008CEP Datasheet HTML 14Page - Davicom Semiconductor, Inc. DM9008CEP Datasheet HTML 15Page - Davicom Semiconductor, Inc. DM9008CEP Datasheet HTML 16Page - Davicom Semiconductor, Inc. DM9008CEP Datasheet HTML 17Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
DM9008C
Ethernet Controller with General Processor Interface
Preliminary
13
Version: DM9008C-13-DS-P01
January 15, 2008
6. Vendor Control and Status Register Set
The DM9008C implements several control and status
registers, which can be accessed by the host. These CSRs
are byte aligned. All CSRs are set to their default values by
hardware or software reset unless they are specified
Register
Description
Offset
Default value
after reset
NCR
Network Control Register
00H
00H
NSR
Network Status Register
01H
00H
TCR
TX Control Register
02H
00H
TSR I
TX Status Register I
03H
00H
TSR II
TX Status Register II
04H
00H
RCR
RX Control Register
05H
00H
RSR
RX Status Register
06H
00H
ROCR
Receive Overflow Counter Register
07H
00H
BPTR
Back Pressure Threshold Register
08H
37H
FCTR
Flow Control Threshold Register
09H
38H
FCR
RX Flow Control Register
0AH
00H
EPCR
EEPROM & PHY Control Register
0BH
00H
EPAR
EEPROM & PHY Address Register
0CH
40H
EPDRL
EEPROM & PHY Low Byte Data Register
0DH
XXH
EPDRH
EEPROM & PHY High Byte Data Register
0EH
XXH
WCR
Wake Up Control Register (in 8-bit mode)
0FH
00H
PAR
Physical Address Register
10H-15H
Determined by
EEPROM
MAR
Multicast Address Register
16H-1DH
XXH
GPCR
General Purpose Control Register (in 8-bit mode)
1EH
01H
GPR
General Purpose Register
1FH
XXH
TRPAL
TX SRAM Read Pointer Address Low Byte
22H
00H
TRPAH
TX SRAM Read Pointer Address High Byte
23H
00H
RWPAL
RX SRAM Write Pointer Address Low Byte
24H
00H
RWPAH
RX SRAM Write Pointer Address High Byte
25H
0CH
VID
Vendor ID
28H-29H
0A46H
PID
Product ID
2AH-2BH
9000H
CHIPR
CHIP Revision
2CH
1AH
TCR2
TX Control Register 2
2DH
00H
OCR
Operation Control Register
2EH
00H
SMCR
Special Mode Control Register
2FH
00H
ETXCSR
Early Transmit Control/Status Register
30H
00H
TCSCR
Transmit Check Sum Control Register
31H
00H
RCSCSR
Receive Check Sum Control Status Register
32H
00H
LEDCR
LED Pin Control Register
34H
00H
BUSCR
Processor Bus Control Register
38H
01H
INTCR
INT Pin Control Register
39H
00H
SCCR
System Clock Turn ON Control Register
50H
00H
RSCCR
Resume System Clock Control Register
51H
XXH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com