Electronic Components Datasheet Search
  English  ▼

X  

DM9008CEP Datasheet(PDF) 21 Page - Davicom Semiconductor, Inc.

Part # DM9008CEP
Description  Ethernet Controller With General Processor Interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9008CEP Datasheet(HTML) 21 Page - Davicom Semiconductor, Inc.

Back Button DM9008CEP Datasheet HTML 17Page - Davicom Semiconductor, Inc. DM9008CEP Datasheet HTML 18Page - Davicom Semiconductor, Inc. DM9008CEP Datasheet HTML 19Page - Davicom Semiconductor, Inc. DM9008CEP Datasheet HTML 20Page - Davicom Semiconductor, Inc. DM9008CEP Datasheet HTML 21Page - Davicom Semiconductor, Inc. DM9008CEP Datasheet HTML 22Page - Davicom Semiconductor, Inc. DM9008CEP Datasheet HTML 23Page - Davicom Semiconductor, Inc. DM9008CEP Datasheet HTML 24Page - Davicom Semiconductor, Inc. DM9008CEP Datasheet HTML 25Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
DM9008C
Ethernet Controller with General Processor Interface
Preliminary
21
Version: DM9008C-13-DS-P01
January 15, 2008
6.24 Chip Revision Register (2CH)
Bit
Name
Default
Description
7:0
CHIPR
P,1AH,RO
CHIP Revision
6.25 Transmit Control Register 2 ( 2DH )
Bit
Name
Default
Description
7
LED
P0,RW
Led Mode
When set, the LED pins act as led mode 1.
When cleared, the led mode is default mode 0 or depending EEPROM setting.
6
RLCP
P0,RW
Retry Late Collision Packet
Re-transmit the packet with late-collision
5
DTU
P0,RW
Disable TX Under run Retry
Disable to re-transmit the underruned packet
4
ONEPM
P0,RW
One Packet Mode
When set, only one packet transmit command can be issued before transmit
completed.
When cleared, at most two packet transmit command can be issued before
transmit completed.
3~0
IFGS
P0,RW
Inter-Frame Gap Setting
0XXX: 96-bit
1000: 64-bit
1001: 72-bit
1010:80-bit
1011:88-bit
1100:96-bit
1101:104-bit
1110: 112-bit
1111:120-bit
6.26 Operation Test Control Register ( 2EH )
Bit
Name
Default
Description
7~6
SCC
P0,RW
System Clock Control
Set the internal system clock.
00: 50Mhz
01: 20MHz
10: 100MHz
11: Reserved
5
RESERVED
P0,RW
Reserved
4
SOE
P0,RW
Internal SRAM Output-Enable Always ON
3
SCS
P0,RW
Internal SRAM Chip-Select Always ON
2~0
PHYOP
P0,RW
Internal PHY operation mode for testing
6.27 Special Mode Control Register ( 2FH )
Bit
Name
Default
Description
7
SM_EN
P0,RW
Special Mode Enable
6~3
RESERVED
P0,RW
Reserved
2
FLC
P0,RW
Force Late Collision
1
FB1
P0,RW
Force Longest Back-off time
0
FB0
P0,RW
Force Shortest Back-off time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com