Electronic Components Datasheet Search
  English  ▼

X  

DM9010B Datasheet(PDF) 39 Page - Davicom Semiconductor, Inc.

Part # DM9010B
Description  10/100 Mbps Single Chip Ethernet Controller With General Processor Interface
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9010B Datasheet(HTML) 39 Page - Davicom Semiconductor, Inc.

Back Button DM9010B Datasheet HTML 35Page - Davicom Semiconductor, Inc. DM9010B Datasheet HTML 36Page - Davicom Semiconductor, Inc. DM9010B Datasheet HTML 37Page - Davicom Semiconductor, Inc. DM9010B Datasheet HTML 38Page - Davicom Semiconductor, Inc. DM9010B Datasheet HTML 39Page - Davicom Semiconductor, Inc. DM9010B Datasheet HTML 40Page - Davicom Semiconductor, Inc. DM9010B Datasheet HTML 41Page - Davicom Semiconductor, Inc. DM9010B Datasheet HTML 42Page - Davicom Semiconductor, Inc. DM9010B Datasheet HTML 43Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 62 page
background image
DM9010B
Single Chip Ethernet Controller with General Processor Interface
Preliminary
39
Version: DM9010B--DS-P01
September 5, 2007
Writing a 1 to this bit will cause PHY entering the Sleep mode and
power down all circuit except oscillator and clock generator circuit.
When waking up from Sleep mode (write this bit to 0), the
configuration will go back to the state before sleep; but the state
machine will be reset
16.0
RLOUT
0, RW
Remote Loop out Control
When this bit is set to 1, the received data will loop out to the
transmit channel. This is useful for bit error rate testing
8.9 DAVICOM Specified Configuration and Status Register (DSCSR) - 17
Bit
Bit Name
Default
Description
17.15
100FDX
1, RO
100M Full Duplex Operation Mode
After auto-negotiation is completed, results will be written to this bit. If this
bit is 1, it means the operation 1 mode is a 100M full duplex mode. The
software can read bit [15:12] to see which mode is selected after
auto-negotiation. This bit is invalid when it is not in the auto-negotiation
mode
17.14
100HDX
1, RO
100M Half Duplex Operation Mode
After auto-negotiation is completed, results will be written to this bit. If this
bit is 1, it means the operation 1 mode is a 100M half duplex mode. The
software can read bit [15:12] to see which mode is selected after
auto-negotiation. This bit is invalid when it is not in the auto-negotiation
mode
17.13
10FDX
1, RO
10M Full Duplex Operation Mode
After auto-negotiation is completed, results will be written to this bit. If this
bit is 1, it means the operation 1 mode is a 10M Full Duplex mode. The
software can read bit [15:12] to see which mode is selected after
auto-negotiation. This bit is invalid when it is not in the auto-negotiation
mode
17.12
10HDX
1, RO
10M Half Duplex Operation Mode
After auto-negotiation is completed, results will be written to this bit. If this
bit is 1, it means the operation 1 mode is a 10M half duplex mode. The
software can read bit [15:12] to see which mode is selected after
auto-negotiation. This bit is invalid when it is not in the auto-negotiation
mode
17.11-17.
9
Reserved
0, RO
Reserved
Read as 0, ignore on write
17.8-17.4 PHYADR[4
:0]
1, RW
PHY Address Bit 4:0
The first PHY address bit transmitted or received is the MSB of the
address (bit 4). A station management entity connected to multiple PHY
entities must know the appropriate address of each PHY
17.3-17.0 ANMB[3:0]
0, RO
Auto-negotiation Monitor Bits
These bits are for debug only. The auto-negotiation status will be written to
these bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com