| Electronic Components Datasheet Search |
|
DM9010B Datasheet(PDF) 29 Page - Davicom Semiconductor, Inc. |
|
|
|||||||||||||||||||||||||||||
DM9010B Datasheet(HTML) 29 Page - Davicom Semiconductor, Inc. |
|
29 / 62 page ![]() DM9010B Single Chip Ethernet Controller with General Processor Interface Preliminary 29 Version: DM9010B--DS-P01 September 5, 2007 6.43 Memory Data Read Command without Address Increment Register (F1H) Bit Name Default Description 7:0 MRCMDX1 X,RO Read data from RX SRAM. After the read of this command, the read pointer of internal SRAM is unchanged. 6.44 Memory Data Read Command with Address Increment Register (F2H) Bit Name Default Description 7:0 MRCMD X,RO Read data from RX SRAM. After the read of this command, the read pointer is increased by 1,2, or 4, depends on the operator mode (8-bit,16-bit and 32-bit respectively) 6.45 Memory Data Read address Register (F4H~F5H) Bit Name Default Description 7:0 MDRAH PHS0,RW Memory Data Read_ addresses High Byte. It will be set to 0Ch, when IMR bit7 =1 7:0 MDRAL PHS0,RW Memory Data Read_ address Low Byte 6.46 Memory Data Write Command without Address Increment Register (F6H) Bit Name Default Description 7:0 MWCMDX X,WO Write data to TX SRAM. After the write of this command, the write pointer is unchanged 6.47 Memory data write command with address increment Register (F8H) Bit Name Default Description 7:0 MWCMD X,WO Write Data to TX SRAM After the write of this command, the write pointer is increased by 1, 2, or 4, depends on the operator mode. (8-bit, 16-bit,32-bit respectively) 6.48 Memory data write address Register (FAH~FBH) Bit Name Default Description 7:0 MDRAH PHS0,RW Memory Data Write_ address High Byte 7:0 MDRAL PHS0,RW Memory Data Write_ address Low Byte 6.49 TX Packet Length Register (FCH~FDH) Bit Name Default Description 7:0 TXPLH PHS0,RW TX Packet Length High byte 7:0 TXPLL PHS0,RW TX Packet Length Low byte |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |