Electronic Components Datasheet Search
  English  ▼

X  

CHA5296 Datasheet(PDF) 4 Page - United Monolithic Semiconductors

Part # CHA5296
Description  27-30GHz High Power Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA5296 Datasheet(HTML) 4 Page - United Monolithic Semiconductors

  CHA5296 Datasheet HTML 1Page - United Monolithic Semiconductors CHA5296 Datasheet HTML 2Page - United Monolithic Semiconductors CHA5296 Datasheet HTML 3Page - United Monolithic Semiconductors CHA5296 Datasheet HTML 4Page - United Monolithic Semiconductors CHA5296 Datasheet HTML 5Page - United Monolithic Semiconductors CHA5296 Datasheet HTML 6Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CHA5296
27-30GHz High Power Amplifier
Ref. : DSCHA52962147 - 27-May-02
4/6
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
-30
-26
-22
-18
-14
-10
-6
-2
2
6
10
14
18
22
26
30
34
38
42
-6 -5 -4 -3 -2 -1 0
12345
6789 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25
Input Power(dBm)
F=28,5GHz
∆F=10MHz
IP3=+41dBm
Σ(F1;F2)
Σ((2F1-F2);(2F2-F1))
Σ((3F1-2F2);(3F2-2F1))
Σ((4F1-3F2);(4F2-3F1))
IP3 versus total input power @ 28.5GHz
0
5
10
15
20
25
30
35
40
45
50
55
60
10
12
14
16
18
20
22
24
26
28
30
Total Fundamental Output power (dBm)
c/i3
c/i
IP3
C/I & IP3 versus total fund. output power @ 28.5GHz (
∆F=10MHz)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com