Electronic Components Datasheet Search
  English  ▼

X  

CHA5296 Datasheet(PDF) 1 Page - United Monolithic Semiconductors

Part # CHA5296
Description  27-30GHz High Power Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA5296 Datasheet(HTML) 1 Page - United Monolithic Semiconductors

  CHA5296 Datasheet HTML 1Page - United Monolithic Semiconductors CHA5296 Datasheet HTML 2Page - United Monolithic Semiconductors CHA5296 Datasheet HTML 3Page - United Monolithic Semiconductors CHA5296 Datasheet HTML 4Page - United Monolithic Semiconductors CHA5296 Datasheet HTML 5Page - United Monolithic Semiconductors CHA5296 Datasheet HTML 6Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CHA5296
Ref. : DSCHA52962147 - 27-May-02
1/6
Specifications subject to change without notice
United Monolithic Semiconductors S.A.S.
Route Départementale 128 - B.P.46 - 91401 Orsay Cedex France
Tel. : +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
27-30GHz High Power Amplifier
GaAs Monolithic Microwave IC
Description
The
CHA5296
is
a
high
gain three-stage
monolithic high power amplifier. It is designed for
a wide range of applications, from military to
commercial
communication
systems. The
backside of the chip is both RF and DC grounds.
This helps simplify the assembly process.
The circuit is manufactured with a PM-HEMT
process on 50µm substrate thickness, 0.25µm
gate length, via holes through the substrate, air
bridges and electron beam gate lithography.
It is available in chip form.
Main Features
■ Performances : 27-30GHz
■ 29dBm output power @ 1dB comp. gain
■ 15 dB ± 1dB gain
■ DC power consumption, 850mA @ 6V
■ Chip size :
3.80 x 2.52 x 0.05 mm
-20
-15
-10
-5
0
5
10
15
20
20
22
24
26
28
30
32
34
36
Frequency (GHz)
S22
S11
Typical on jig Measurements
Main Characteristics
Tamb. = 25°C
Symbol
Parameter
Min
Typ
Max
Unit
Fop
Operating frequency range
27
30
GHz
G
Small signal gain
14
15
dB
P1dB
Output power at 1dB gain compression
28
29
dBm
Id
Bias current
850
1000
mA
ESD Protection : Electrostatic discharge sensitive device. Observe handling precautions !


Similar Part No. - CHA5296

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA5296 UMS-CHA5296 Datasheet
234Kb / 6P
27-30GHz High Power Amplifier
CHA5296 UMS-CHA5296_07 Datasheet
234Kb / 6P
27-30GHz High Power Amplifier
More results

Similar Description - CHA5296

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2093 UMS-CHA2093 Datasheet
107Kb / 8P
20-30GHz Low Noise Amplifier
CHA4092REF UMS-CHA4092REF Datasheet
66Kb / 4P
20-30GHz High Power Amplifier
CHA5390 UMS-CHA5390 Datasheet
177Kb / 8P
24-30GHz Medium Power Amplifier
CHA5390TBF UMS-CHA5390TBF Datasheet
169Kb / 6P
24-30GHz Medium Power Amplifier
CHA3693-QDG UMS-CHA3693-QDG Datasheet
389Kb / 10P
20-30GHz Medium Power Amplifier
CHA5296 UMS-CHA5296_07 Datasheet
234Kb / 6P
27-30GHz High Power Amplifier
CHA2093 UMS-CHA2093_03 Datasheet
97Kb / 8P
20-30GHz Low Noise Amplifier
CHA3689-99F UMS-CHA3689-99F_15 Datasheet
682Kb / 16P
12.5-30GHz Low Noise Amplifier
CHA2193 UMS-CHA2193_15 Datasheet
149Kb / 10P
20-30GHz Low Noise Amplifier
CHA2190 UMS-CHA2190_15 Datasheet
185Kb / 8P
20-30GHz Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com