Electronic Components Datasheet Search
  English  ▼

X  

DM9161BI Datasheet(PDF) 21 Page - Davicom Semiconductor, Inc.

Part # DM9161BI
Description  Industrial-grade 10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9161BI Datasheet(HTML) 21 Page - Davicom Semiconductor, Inc.

Back Button DM9161BI Datasheet HTML 17Page - Davicom Semiconductor, Inc. DM9161BI Datasheet HTML 18Page - Davicom Semiconductor, Inc. DM9161BI Datasheet HTML 19Page - Davicom Semiconductor, Inc. DM9161BI Datasheet HTML 20Page - Davicom Semiconductor, Inc. DM9161BI Datasheet HTML 21Page - Davicom Semiconductor, Inc. DM9161BI Datasheet HTML 22Page - Davicom Semiconductor, Inc. DM9161BI Datasheet HTML 23Page - Davicom Semiconductor, Inc. DM9161BI Datasheet HTML 24Page - Davicom Semiconductor, Inc. DM9161BI Datasheet HTML 25Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
DM9161BI
Industrial-grade 10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
21
Preliminary
Version: DM9161BI-12-DS-P01
July 16, 2008
7.2.11 Power Reduced Mode
The Signal detect circuit is always turned on to monitor whether there is any signal on the media. In case of cable
disconnection, DM9161BI will automatically turn off the power and enter the Power Reduced mode, regardless of its operation
mode being N-way auto-negotiation or forced mode. While in the Power Reduced mode, the transmit circuit will continue
sending out fast link pulse with minimum power consumption. If a valid signal is detected from the media, which might be N-way
fast link pulse, 10Base-T normal link pulse, or 100Base-TX MLT3 signals, the device wakes up and resumes normal operation
mode.
Automatic reduced power down mode can be disabled by writing Zero to Reg.16.4.
7.2.12 Power down Mode
Power Down mode is entered by setting Reg.0.11 to ONE or pulling PWRDWN pin high, which disables all transmit and
receive functions, and MII interface functions except the MDC/MDIO management interface.
7.2.13 Reduced Transmit Power Mode
Additional transmit power reduction can be gained by designing with 1.25:1 turns ration magnetic on its TX side and using a
8.5KΩ resistor on BGRES and BGRESG pins, and the TX+/TX- pulled high resistors being changed from 50Ω to 78Ω. This
configuration could reduce about 20% of transmit power.
7.3 HP Auto-MDIX Functional Descriptions
The DM9161BI supports the automatic detect cable connection type, MDI/MDIX (straight through/cross over). A
manual configuration by register bit for MDI or MDIX is still accepted.
When set to automatic, the polarity of MDI/MDIX controlled timing is generated by 16-bits LFSR. The switching cycle time is
located from 200ms to 420ms. The polarity control is always switch until detect received signal. After selected MDI or MDIX, the
polarity status can be read by register bit (20.7). (See page33, 8.12 specified config register-20 bit 7)7.3.1 Function Setting.
Pin 39 is used to enable HP Auto-MDIX function.
Pull pin 39 low will enable it, and pull pin 39 high will disable it.
Specified config Register 20 bit 4 (20, 4) is used by programmer to disable HP Auto-MDIX function. Write register
20 bit 4 to “1 “will disable HP Auto-MDIX function. Its default value is “0 “. When the register 20 bit 4 (20, 4) is set to “1 “, the
register 20 bit 5(20, 5) is used to select straight through or cross over mode, “0 “is for straight through, and “1 “is for cross over.
RX + /- from DM9161BI
RX+/- to RJ45
TX + /- from DM9161BI
TX+/- to RJ45
* MDI: __________
* MDIX: - - - - - - - - -
This feature is able to detect the required cable connection type. (Straight through or crossed over) and make correction
automatically



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com