Electronic Components Datasheet Search
  English  ▼

X  

ES5129F Datasheet(PDF) 5 Page - Cyrustek corporation

Part # ES5129F
Description  4-1/2 digit with LCD
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES5129F Datasheet(HTML) 5 Page - Cyrustek corporation

  ES5129F Datasheet HTML 1Page - Cyrustek corporation ES5129F Datasheet HTML 2Page - Cyrustek corporation ES5129F Datasheet HTML 3Page - Cyrustek corporation ES5129F Datasheet HTML 4Page - Cyrustek corporation ES5129F Datasheet HTML 5Page - Cyrustek corporation ES5129F Datasheet HTML 6Page - Cyrustek corporation ES5129F Datasheet HTML 7Page - Cyrustek corporation ES5129F Datasheet HTML 8Page - Cyrustek corporation ES5129F Datasheet HTML 9Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
07/03/01
5
ES5129
4-1/2 digit with LCD
10
A4, G4, D4
O Output to LCD segment.
11
F4, E4, DP4
O Output to LCD segment.
12
BP3
O LCD backplane signal
13
BP2
O LCD backplane signal
14
BP1
O LCD backplane signal
15
VDISP
P Negative supply for display drivers.
16
DP4/OR
I/O Input: Turns on most significant decimal point when HI.
Output: Pulled HI when result count exceeds ±19,999.
17
TEST2
O TEST pin. Not connect.
18
DP3/UR
I/O Input: Turn on the 2nd significant decimal point when HI.
Output: Pulled HI when result count is less than ±1,000.
19
LATCH/HOLD I/O Input: when floating, ES5129 operates in the free-run mode.
When pulled high, the last display reading is held. When
pulled LO, the result counter contents are shown
incrementing during the de-integrate phase of cycle.
Output: Negative going edge occurs when the data latches are
upgraded. Can be used as a converter status signal.
20
V-
P Negative power supply terminal
21
V+
P Positive power supply terminal
22
CAZ
I/O Integrator amplifier input
23
CINT
I/O Integrator amplifier output
24
CONTINUITY I/O Input: when LO, continuity flag on the display is off. When
HI, continuity flag is on.
Output: HI when voltage between inputs is less than +200mV
LO when voltage between inputs is more than +200mV.
25
COMMON
O Set common-mode voltage of 3.2V below V+.
26
CREF+
I/O Positive connection to external reference capacitor
27
CREF-
I/O Negative connection to external reference capacitor
28
NC
29
BUFFER
O Buffer amplifier output
30
IN_LO
I Negative input voltage terminal
31
IN_HI
I Positive input voltage terminal
32
REF_HI
I Positive reference voltage terminal
33
REF_LO
I Negative reference voltage terminal
34
DGND
O Ground reference for digital section
35
RANGE
I Pulled HIGH externally for 2V scale.
36
DP2
I When HI, decimal point 2 will be on.
37
DP1
I When HI, decimal point 1 will be on.
38
OSC2
I/O Output of first clock inverter. Input of second clock inverter.
39
INT100
I Reduce the integration time to 1/10 when RANGE is set to
high. The polarity of ADC will be ignored also.
40
OSC1
I/O Input of first clock inverter.
41
OSC3
I/O Output of second clock inverter.
42
ANNUNC
O Backplane squarewave output for driving annunctors.
43
B1, C1, CONT
O Output to LCD segment.
44
A1, G1, D1
O Output to LCD segment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com