Electronic Components Datasheet Search
  English  ▼

X  

ES5129F Datasheet(PDF) 6 Page - Cyrustek corporation

Part # ES5129F
Description  4-1/2 digit with LCD
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES5129F Datasheet(HTML) 6 Page - Cyrustek corporation

Back Button ES5129F Datasheet HTML 2Page - Cyrustek corporation ES5129F Datasheet HTML 3Page - Cyrustek corporation ES5129F Datasheet HTML 4Page - Cyrustek corporation ES5129F Datasheet HTML 5Page - Cyrustek corporation ES5129F Datasheet HTML 6Page - Cyrustek corporation ES5129F Datasheet HTML 7Page - Cyrustek corporation ES5129F Datasheet HTML 8Page - Cyrustek corporation ES5129F Datasheet HTML 9Page - Cyrustek corporation ES5129F Datasheet HTML 10Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
07/03/01
6
ES5129
4-1/2 digit with LCD
Absolute Maximum Ratings
Characteristic
Rating
Supply Voltage (V+ to V-)
15V
Analog Input Voltage
V- -0.6 to V+ +0.6
V+
V+ ≧ (AGND/DGND+0.5V)
AGND/DGND
AGND/DGND ≧ (V- -0.5V)
Digital Input
V- -0.6 to DGND +0.6
Power Dissipation. Flat Package
500mW
Operating Temperature
0℃ to 70℃
Storage Temperature
-25℃ to 125℃
Electrical Characteristics
TA=25℃, 9V between V+ and V-
Parameter
Test Condition
Min.
Typ.
Max
Units
Zero input reading
Vin=0, 200mV scale
-1
0
1
counts
Ratiometric reading
Vin=Vref=1V
Range=2V
9998
9999 10000 counts
Rollover Error
+Vin=-Vin=199mV
——
2
counts
Linearity Error
200mV Scale
——
1
counts
Common Voltage
V+ to Common
2.8
3.2
3.5
V
Common Sink Current
Δ
common=+0.1V
Sink current form V+
0.1
2
mA
Common Source Current
Δ
common=-0.1V
Source current to V-
10
200
µA
DGND Voltage
V+ to DGND,
V+ to V- =9V
4.5
5
5.5
V
DGND Sink Current
Δ
DGND=+0.5V
Sink current form V+
0.6
-
mA
Supply
Current
excluding
LCD display current
V+ to V- = 9V
—
1.0
1.4
mA
Supply Voltage Range
V+ to V-
6.7
9
14
V
Low Battery Flag
V+ to V-
6.9
7.2
7.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com