Electronic Components Datasheet Search
  English  ▼

X  

CHA7010 Datasheet(PDF) 5 Page - United Monolithic Semiconductors

Part # CHA7010
Description  X-band GaInP HBT High Power Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA7010 Datasheet(HTML) 5 Page - United Monolithic Semiconductors

  CHA7010 Datasheet HTML 1Page - United Monolithic Semiconductors CHA7010 Datasheet HTML 2Page - United Monolithic Semiconductors CHA7010 Datasheet HTML 3Page - United Monolithic Semiconductors CHA7010 Datasheet HTML 4Page - United Monolithic Semiconductors CHA7010 Datasheet HTML 5Page - United Monolithic Semiconductors CHA7010 Datasheet HTML 6Page - United Monolithic Semiconductors CHA7010 Datasheet HTML 7Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
X-band High Power Amplifier
CHA7010
Ref. : DSCHA70102175 -24-June-02
5/7
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Dimensions and Pad allocation
1
2
3
4
5
6
7
8
9
10
11
12
13
24 23 22 21
20
19
18
17
16
15
14
Unit = µm
External chip size (including saw streets) = 4740 x 4360 +/- 35
Chip thickness = 100 +/- 10
HF pads (1, 13) = 118 x 68
DC pads (4, 9, 17, 22) = 96 x 96
DC pads (6, 11, 15, 20) = 288 x 96
Pin number
Pin name
Description
1
IN
Input RF port
2, 3, 8, 18, 23, 24
NC
4, 9, 17, 22
Vctr
Collector control current port
5, 7, 10, 12, 14, 19, 16, 21
GND
Ground (NC)
6, 11, 15, 20
Vc
Power supply voltage
13
OUT
Output RF port



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com