Electronic Components Datasheet Search
  English  ▼

X  

TS1GDOM40V Datasheet(PDF) 34 Page - Transcend Information. Inc.

Part # TS1GDOM40V
Description  40-Pin IDE Flash Module
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS1GDOM40V Datasheet(HTML) 34 Page - Transcend Information. Inc.

Back Button TS1GDOM40V Datasheet HTML 30Page - Transcend Information. Inc. TS1GDOM40V Datasheet HTML 31Page - Transcend Information. Inc. TS1GDOM40V Datasheet HTML 32Page - Transcend Information. Inc. TS1GDOM40V Datasheet HTML 33Page - Transcend Information. Inc. TS1GDOM40V Datasheet HTML 34Page - Transcend Information. Inc. TS1GDOM40V Datasheet HTML 35Page - Transcend Information. Inc. TS1GDOM40V Datasheet HTML 36Page - Transcend Information. Inc. TS1GDOM40V Datasheet HTML 37Page - Transcend Information. Inc. TS1GDOM40V Datasheet HTML 38Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
T
T
Tr
rra
a
an
n
ns
s
sc
c
ce
e
en
n
nd
d
d 4
4
40
0
0---P
P
Piiin
n
n IIID
D
DE
E
E F
F
Fllla
a
as
s
sh
h
h M
M
Mo
o
od
d
du
u
ullle
e
e
1
1
12
2
28
8
8M
M
MB
B
B ~
~
~ 8
8
8G
G
GB
B
B
Transcend Information Inc.
Ver 1.7
34
Ultra DMA Data Burst Timing Descriptions
Name
Comment
Notes
t2CYCTYP
Typical sustained average two cycle time
tCYC
Cycle time allowing for asymmetry and clock variations (from STROBE edge to STROBE
edge)
t2CYC
Two cycle time allowing for clock variations (from rising edge to next rising edge or from
falling edge to next falling edge of STROBE)
tDS
Data setup time at recipient (from data valid until STROBE edge)
2,
tDH
Data hold time at recipient (from STROBE edge until data may become invalid)
2,
tDVS
Data valid setup time at sender (from data valid until STROBE edge)
3
tDVH
Data valid hold time at sender (from STROBE edge until data may become invalid)
3
tCS
CRC word setup time at device
2
tCH
CRC word hold time device
2
tCVS
CRC word valid setup time at host (from CRC valid until -DMACK negation)
3
tCVH
CRC word valid hold time at sender (from -DMACK negation until CRC may become invalid) 3
tZFS
Time from STROBE output released-to-driving until the first transition of critical timing.
tDZFS
Time from data output released-to-driving until the first transition of critical timing.
tFS
First STROBE time (for device to first negate DSTROBE from STOP during a data in burst)
tLI
Limited interlock time
1
tMLI
Interlock time with minimum
1
tUI
Unlimited interlock time
1
tAZ
Maximum time allowed for output drivers to release (from asserted or negated)
tZAH
Minimum delay time required for output
tZAD
drivers to assert or negate (from released)
tENV
Envelope time (from -DMACK to STOP and -HDMARDY during data in burst initiation and
from DMACK to STOP during data out burst initiation)
tRFS
Ready-to-final-STROBE time (no STROBE edges shall be sent this long after negation of
-DMARDY)
tRP
Ready-to-pause time (that recipient shall wait to pause after negating -DMARDY)
tIORDYZ
Maximum time before releasing IORDY
tZIORDY
Minimum time before driving IORDY
4,
tACK
Setup and hold times for -DMACK (before assertion or negation)
tSS
Time from STROBE edge to negation of DMARQ or assertion of STOP (when sender
terminates a burst)
Notes:
(1) The parameters tUI, tMLI (in Page 19: Ultra DMA Data-In Burst Device Termination Timing and Page 20: Ultra DMA Data-In
Burst Host Termination Timing), and tLI indicate sender-to-recipient or recipient-to-sender interlocks,i.e., one agent
(either sender or recipient) is waiting for the other agent to respond with a signal before proceeding.tUI is an unlimited
interlock that has no maximum time value. tMLI is a limited time-out that has a defined minimum. tLI is a limited time-out
that has a defined maximum.
(2) 80-conductor cabling (see see ATA specification :Annex A)) shall be required in order to meet setup (tDS, tCS) and hold (tDH,
tCH) times in modes greater than 2.
(3) Timing for
tDVS, tDVH, tCVS and tCVH shall be met for lumped capacitive loads of 15 and 40 pF at the connector where
the Data and STROBE signals have the same capacitive load value. Due to reflections on the cable, these timing
measurements are not valid in a normally functioning system.
(4) For all timing modes the parameter tZIORDY may be greater than tENV due to the fact that the host has a pull-up on IORDY-
giving it a known state when released.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com