Electronic Components Datasheet Search
  English  ▼

X  

TS1GDOM40V Datasheet(PDF) 40 Page - Transcend Information. Inc.

Part # TS1GDOM40V
Description  40-Pin IDE Flash Module
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS1GDOM40V Datasheet(HTML) 40 Page - Transcend Information. Inc.

Back Button TS1GDOM40V Datasheet HTML 36Page - Transcend Information. Inc. TS1GDOM40V Datasheet HTML 37Page - Transcend Information. Inc. TS1GDOM40V Datasheet HTML 38Page - Transcend Information. Inc. TS1GDOM40V Datasheet HTML 39Page - Transcend Information. Inc. TS1GDOM40V Datasheet HTML 40Page - Transcend Information. Inc. TS1GDOM40V Datasheet HTML 41Page - Transcend Information. Inc. TS1GDOM40V Datasheet HTML 42Page - Transcend Information. Inc. TS1GDOM40V Datasheet HTML 43Page - Transcend Information. Inc. TS1GDOM40V Datasheet HTML 44Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 52 page
background image
T
T
Tr
rra
a
an
n
ns
s
sc
c
ce
e
en
n
nd
d
d 4
4
40
0
0---P
P
Piiin
n
n IIID
D
DE
E
E F
F
Fllla
a
as
s
sh
h
h M
M
Mo
o
od
d
du
u
ullle
e
e
1
1
12
2
28
8
8M
M
MB
B
B ~
~
~ 8
8
8G
G
GB
B
B
Transcend Information Inc.
Ver 1.7
40
Device Terminating an Ultra DMA Data-In Burst
The device terminates an Ultra DMA Data-In burst by following the steps lettered below. The timing
diagram is shown in below: Ultra DMA Data-In Burst Device Termination Timing. The timing parameters
are specified in Page 12: Ultra DMA Data Burst Timing Requirements and are described in Page 13:
Ultra DMA Data Burst Timing Descriptions.
The following steps shall occur in the order they are listed unless otherwise specifically allowed:
(a) The device shall not pause an Ultra DMA data burst until at least one data word of an Ultra DMA data
burst has been transferred.
(b) The device shall pause an Ultra DMA data burst by not generating DSTROBE edges.
(c) NOTE
− The host shall not immediately assert STOP to initiate Ultra DMA data burst termination
when the device stops generating STROBE edges. If the device does not negate DMARQ, in order to
initiate Ultra DMA data burst termination, the host shall negate -HDMARDY and wait tRP before
asserting STOP.
(d) The device shall resume an Ultra DMA data burst by generating a DSTROBE edge.
ALL WAVEFORMS IN THIS DIAGRAM ARE SHOWN WITH THE ASSERTED STATE HIGH.
NEGATIVE TRUE SIGNALS APPEAR INVERTED ON THE BUS RELATIVE TO THE DIAGRAM.
Notes: The definitions for the STOP, HDMARDY, and DSTROBE signal lines are no longer in effect after DMARQ
and DMACK are negated. A[02:00], -CS0 & -CS1 are True IDE mode signal definitions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com