Electronic Components Datasheet Search
  English  ▼

X  

TS2GCFI Datasheet(PDF) 49 Page - Transcend Information. Inc.

Part # TS2GCFI
Description  industrial CompactFlash Card
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS2GCFI Datasheet(HTML) 49 Page - Transcend Information. Inc.

Back Button TS2GCFI Datasheet HTML 45Page - Transcend Information. Inc. TS2GCFI Datasheet HTML 46Page - Transcend Information. Inc. TS2GCFI Datasheet HTML 47Page - Transcend Information. Inc. TS2GCFI Datasheet HTML 48Page - Transcend Information. Inc. TS2GCFI Datasheet HTML 49Page - Transcend Information. Inc. TS2GCFI Datasheet HTML 50Page - Transcend Information. Inc. TS2GCFI Datasheet HTML 51Page - Transcend Information. Inc. TS2GCFI Datasheet HTML 52Page - Transcend Information. Inc. TS2GCFI Datasheet HTML 53Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 84 page
background image
T
T
Tr
rra
a
an
n
ns
s
sc
c
ce
e
en
n
nd
d
d
IIIn
n
nd
d
du
u
us
s
stttr
rriiia
a
alll
C
C
CF
F
F
C
C
Ca
a
ar
rrd
d
d
((( 1
1
12
2
28
8
8M
M
MB
B
B ~
~
~ 8
8
8G
G
GB
B
B )))
Transcend Information Inc.
V1.1
49
Feature Register (Address - 1F1h[171h]; Offset 1, 0Dh Write Only)
This register provides information regarding features of the CompactFlash Storage Card that the host can
utilize. This register is also accessed in PC Card modes on data bits D15-D8 during a write operation to
Offset 0 with -CE2 low and -CE1 high.
Sector Count Register (Address - 1F2h[172h]; Offset 2)
This register contains the numbers of sectors of data requested to be transferred on a read or write
operation between the host and the CompactFlash Storage Card. If the value in this register is zero, a count
of 256 sectors is specified. If the command was successful, this register is zero at command completion. If
not successfully completed, the register contains the number of sectors that need to be transferred in order
to complete the request.
Sector Number (LBA 7-0) Register (Address - 1F3h[173h]; Offset 3)
This register contains the starting sector number or bits 7-0 of the Logical Block Address (LBA) for any
CompactFlash Storage Card data access for the subsequent command.
6.1.5.5 Cylinder Low (LBA 15-8) Register (Address - 1F4h[174h]; Offset 4)
This register contains the low order 8 bits of the starting cylinder address or bits 15-8 of the Logical Block
Address.
Cylinder High (LBA 23-16) Register (Address - 1F5h[175h]; Offset 5)
This register contains the high order bits of the starting cylinder address or bits 23-16 of the Logical Block
Address.
Drive/Head (LBA 27-24) Register (Address 1F6h[176h]; Offset 6)
The Drive/Head register is used to select the drive and head. It is also used to select LBA addressing
instead of cylinder/head/sector addressing.
Bit 7: this bit is specified as 1 for backward compatibility reasons. It is intended that this bit will become
obsolete in a future revision of the specification. This bit is ignored by some controllers in some
commands.
Bit 6: LBA is a flag to select either Cylinder/Head/Sector (CHS) or Logical Block Address Mode (LBA).
When LBA=0, Cylinder/Head/Sector mode is selected. When LBA=1, Logical Block Address is
selected. In Logical Block Mode, the Logical Block Address is interpreted as follows:
LBA7-LBA0: Sector Number Register D7-D0.
LBA15-LBA8: Cylinder Low Register D7-D0.
LBA23-LBA16: Cylinder High Register D7-D0.
LBA27-LBA24: Drive/Head Register bits HS3-HS0.
Bit 5: this bit is specified as 1 for backward compatibility reasons. It is intended that this bit will become
obsolete in a future revisions of the specification. This bit is ignored by some controllers in some
commands.
Bit 4 (DRV): DRV is the drive number. When DRV=0, drive (card) 0 is selected. When DRV=1, drive (card)
1 is selected. Setting this bit to 1 is obsolete in PCMCIA modes of operation. If the obsolete
functionality is support by a CF Storage Card, the CompactFlash Storage Card is set to be Card 0 or 1
using the copy field (Drive #) of the PCMCIA Socket & Copy configuration register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com