Electronic Components Datasheet Search
  English  ▼

X  

TS2GCFI Datasheet(PDF) 1 Page - Transcend Information. Inc.

Part # TS2GCFI
Description  industrial CompactFlash Card
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS2GCFI Datasheet(HTML) 1 Page - Transcend Information. Inc.

  TS2GCFI Datasheet HTML 1Page - Transcend Information. Inc. TS2GCFI Datasheet HTML 2Page - Transcend Information. Inc. TS2GCFI Datasheet HTML 3Page - Transcend Information. Inc. TS2GCFI Datasheet HTML 4Page - Transcend Information. Inc. TS2GCFI Datasheet HTML 5Page - Transcend Information. Inc. TS2GCFI Datasheet HTML 6Page - Transcend Information. Inc. TS2GCFI Datasheet HTML 7Page - Transcend Information. Inc. TS2GCFI Datasheet HTML 8Page - Transcend Information. Inc. TS2GCFI Datasheet HTML 9Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 84 page
background image
T
T
Tr
rra
a
an
n
ns
s
sc
c
ce
e
en
n
nd
d
d
IIIn
n
nd
d
du
u
us
s
stttr
rriiia
a
alll
C
C
CF
F
F
C
C
Ca
a
ar
rrd
d
d
((( 1
1
12
2
28
8
8M
M
MB
B
B ~
~
~ 8
8
8G
G
GB
B
B )))
Transcend Information Inc.
V1.1
1
Description
The Transcend 128MB ~ 8GB CFI is an industrial
CompactFlash Card with Industrial Flash Memory
assembled on a printed circuit board.
Placement
Features
• CompactFlash Specification Version 3.0 Complaint
• RoHS compliant products
• Single Power Supply: 3.3V±5% or 5V±10%
• Operating Temperature: -40oC to 85oC
• Storage Temperature: -55oC to 100oC
• Operation Modes:
PC Card Memory Mode
PC Card IO Mode
True IDE Mode
• True IDE Mode supports PIO mode 0~4 (Series of –D
support Ultra DMA mode 4, please see Order Information)
• Endurance: 2,000,000 Program/Erase cycles
• MTBF: 1,000,000 hours
• Durability of Connector: 10,000 times
• High Data Reliability based on the internal 4-bits ECC
(Error Correcting Code) function
Dimensions
• Support Wear-leveling algorithm


Similar Part No. - TS2GCFI

ManufacturerPart #DatasheetDescription
logo
Transcend Information. ...
TS2GCF100I TRANSCEND-TS2GCF100I Datasheet
3Mb / 80P
Industrial CF Card
TS2GCF100I TRANSCEND-TS2GCF100I Datasheet
3Mb / 80P
Transcend Industrial CF Card (TS123M~16GCF100I)
V1.2
TS2GCF100I-P TRANSCEND-TS2GCF100I-P Datasheet
3Mb / 80P
Transcend Industrial CF Card (TS123M~16GCF100I)
V1.2
TS2GCF133 TRANSCEND-TS2GCF133 Datasheet
3Mb / 81P
133X CompactFlash Card
TS2GCF200I TRANSCEND-TS2GCF200I Datasheet
1Mb / 87P
TTr rraannsscceenndd I IInndduusst ttr rri iaal ll CCFF CCaar rrdd
More results

Similar Description - TS2GCFI

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST48CF008 SST-SST48CF008 Datasheet
572Kb / 60P
CompactFlash Card
logo
Toshiba Semiconductor
THNCF008MAA TOSHIBA-THNCF008MAA Datasheet
461Kb / 52P
CompactFlash Card
logo
Silicon Storage Technol...
SST55LC100M SST-SST55LC100M Datasheet
1Mb / 75P
CompactFlash Card Controller
logo
Advantech Co., Ltd.
SQF-P10 ADVANTECH-SQF-P10 Datasheet
314Kb / 1P
Advantech Industrial CompactFlash
logo
Transcend Information. ...
TS2GF300 TRANSCEND-TS2GF300 Datasheet
2Mb / 83P
300X CompactFlash Card
TS16GCF400 TRANSCEND-TS16GCF400 Datasheet
2Mb / 88P
400X CompactFlash Card
TS32MCF80 TRANSCEND-TS32MCF80 Datasheet
2Mb / 82P
80X CompactFlash Card
logo
List of Unclassifed Man...
AP-CF004GL9FS-NR ETC2-AP-CF004GL9FS-NR Datasheet
191Kb / 18P
Specifications for Industrial CompactFlash Card
AP-CF128MR9NS-NRA ETC2-AP-CF128MR9NS-NRA Datasheet
201Kb / 20P
CompactFlash Series 5 Specifications for Industrial CompactFlash Card
logo
Advantech Co., Ltd.
SQF-P10 ADVANTECH-SQF-P10_V01 Datasheet
510Kb / 1P
Industrial CompactFlash
3-Jul-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com