Electronic Components Datasheet Search
  English  ▼

X  

PF710 Datasheet(PDF) 1 Page - Transcend Information. Inc.

Part # PF710
Description  100~240V voltage power outlet for the DC adaptor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

PF710 Datasheet(HTML) 1 Page - Transcend Information. Inc.

  PF710 Datasheet HTML 1Page - Transcend Information. Inc. PF710 Datasheet HTML 2Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
P
P
PF
F
F7
7
71
1
10
0
0 S
S
Se
e
errriiie
e
es
s
s
PF710 / PF710C
Transcend Information Inc.
1
Description
PF710 Series have 2 models in different color. Which
PF710 is onyx black and PF710C is crystal. PF710
Series are designed to access and playback photos and
music from a variety of sources: USB Flash drives,
memory cards, or it’s on-board flash memory.
System Requirements
System requirements for connecting PF710 Series to a
computer:
1. 100~240V voltage power outlet for the DC adaptor.
2. Desktop or notebook computer with a working USB port.
3. One of the following Operating Systems (OS):
• Windows2000
• WindowsXP
• WindowsVista
• Mac™ OS 10.0, or later
• Linux™ Kernel 2.4, or later
Features
• Bright 7” widescreen color TFT LCD panel
• Built-in stereo speakers and headphone jack
• Supports USB flash drives and SD/SDHC/MMC/MS/CF
memory cards
• Fully compliant with Hi-Speed USB 2.0 and backwards
compatible with USB 1.1
• Direct USB connection to your PC for easy file transfer
• Built-in memory – works even without a memory card
• Auto power on/off
• Slideshow, thumbnail, still picture, and zoom-in viewing
options
• View photos with background music
• Attractive Themes to accent your pictures with
• Important date/event reminder
• Clock, alarm and calendar functions
Placement
Dimensions
Side
Millimeters
Inches
A
219.00
± 1.00
8.62
± 0.04
B
156.00
± 1.00
6.14
± 0.04
C
28.00
± 1.00
1.10
± 0.04
Ordering Information
Device Description
Memory Size Transcend P/N
PF710 Digital Photo
Frame – Onyx Black
1GB
TS1GPF710
PF710C Digital Photo
Frame – Crystal
1GB
TS1GPF710C


Similar Part No. - PF710

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PF7100 NXP-PF7100 Datasheet
1Mb / 125P
7-channel power management integrated circuit for high performance applications
Rev. 4-9 March 2021
PF7100 NXP-PF7100 Datasheet
242Kb / 3P
POWER MANAGEMENT INTEGRATED CIRCUITS (PMICS)
REV 8
More results

Similar Description - PF710

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
76002058 ETC2-76002058 Datasheet
191Kb / 1P
XLR PRO Power Supply, Wall 100-240V,XLR PRO Power Supply, Wall 100-240V,
logo
TiMOTION Technology Co....
TC21 TIMOTION-TC21 Datasheet
215Kb / 3P
Input voltage 100-240V AC
20231016-K
TP11 TIMOTION-TP11 Datasheet
508Kb / 5P
Input voltage 100~240V AC
20220209-D
TP2 TIMOTION-TP2 Datasheet
382Kb / 3P
Input voltage 100~240V AC
20230919-J
TP2N TIMOTION-TP2N Datasheet
246Kb / 3P
Input voltage 100~240V AC
20170607-A
TP2P TIMOTION-TP2P Datasheet
261Kb / 3P
Input voltage 100~240V AC
20231219-E
TP2S TIMOTION-TP2S Datasheet
179Kb / 3P
Input voltage 100~240V AC
20211013-B
TP5P TIMOTION-TP5P Datasheet
313Kb / 3P
Input voltage 100~240V AC
20220209-F
TP7 TIMOTION-TP7 Datasheet
461Kb / 5P
Input voltage 100~240V AC
20160623-E
TP7M TIMOTION-TP7M Datasheet
414Kb / 5P
Input voltage 100~240V AC
20200603-D
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com