Electronic Components Datasheet Search
  English  ▼

X  

PF710 Datasheet(PDF) 2 Page - Transcend Information. Inc.

Part # PF710
Description  100~240V voltage power outlet for the DC adaptor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

PF710 Datasheet(HTML) 2 Page - Transcend Information. Inc.

  PF710 Datasheet HTML 1Page - Transcend Information. Inc. PF710 Datasheet HTML 2Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
P
P
PF
F
F7
7
71
1
10
0
0 S
S
Se
e
errriiie
e
es
s
s
PF710 / PF710C
Transcend Information Inc.
2
Specifications
Panel:
7” TFT LCD, 480x234 pixels
Speaker:
L / R speaker, 0.5w
Headphone:
3.5mm, 32 ohm
USB Interface:
A-Type x1, mini-B x1
Storage:
1GB NAND
Data Retention:
Up to 10 years
Navigation:
7 buttons, volume control wheel
Remote control:
Infrared, NEC protocol
Dimension:
219.0 mm × 156.0 mm × 28.0 mm
Weight:
430g
Power Supply Input:
100 ~ 240 V 1.0A, Output: 5V DC 2.0A
Picture Formats:
DSC JPEG, BMP (W:800 x H:600)
Video Formats:
Motion JPEG (320x240@15fps)
Music Formats:
MP3, WMA (No DRM support), WAV
Compression Rates:
32Kbps–320Kbps
Certificates:
CE, FCC, BSMI
Warranty:
Panel: 1-year, no more than 4 defect pixels
Device: 2-years



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com