Electronic Components Datasheet Search
  English  ▼

X  

US1010 Datasheet(PDF) 5 Page - UNISEM

Part # US1010
Description  1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNISEM [UNISEM]
Direct Link  
Logo UNISEM - UNISEM

US1010 Datasheet(HTML) 5 Page - UNISEM

  US1010 Datasheet HTML 1Page - UNISEM US1010 Datasheet HTML 2Page - UNISEM US1010 Datasheet HTML 3Page - UNISEM US1010 Datasheet HTML 4Page - UNISEM US1010 Datasheet HTML 5Page - UNISEM  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
US1010
2-5
Rev. 1.3
10/30/00
Thermal Design
The US1010 incorporates an internal thermal shutdown
that protects the device when the junction temperature
exceeds the maximum allowable junction temperature.
Although this device can operate with junction tempera-
tures in the range of 150
°C ,it is recommended that the
selected heat sink be chosen such that during maxi-
mum continuous load operation the junction tempera-
ture is kept below this number. The example below for
a SCSI terminator application shows the steps in se-
lecting the proper regulator in a surface mount pack-
age .(See US1015 for non surface mount packages)
Assuming the following specifications :
Where ; VF is the forward voltage drop of the D1diode
as shown in figure 4.
The steps for selecting the right package with proper
board area for heatsinking to keep the junction tem-
perature below 135
°C is given as :
1) Calculate the maximum power dissipation using :
2) Calculate the maximum
θJA allowed for our ex-
ample:
2) Select a package from the datasheet with lower
θJA
than the one calculated in the previous step.
Selecting TO252 (D Pak) with at least 0.5" square of
0.062" FR4 board using 1OZ copper has 70
°C/W
which is lower than the calculated number.
(
)
(
)
P
I
V
V
P
W
D
OUT
IN
OUT
D
=
×
−
−
=
×
−
−
=
VF
0 8
5
0 5
2 85
132
.
.
.
.
θ
θ
JA
J
A
D
JA
MAX
MAX
T
T
P
C W
=
−
=
−
=
°
135
35
132
75 6
.
.
/
To set the output DC voltage, we need to select R1 and
R2 :
3) Assuming R1=121
Ω , 1%
Select R2=154
Ω
Ω ,1%
V
V
V
V
V
V
I
A
T
C
IN
F
O
OUT
A
MAX
=
=
=
=
=
°
5
0 5
2 85
0 8
35
.
.
.
R
V
V
OUT
REF
2
1
121
2 85
125
1
121
=
−


×
=
−


×
=
.
.
154.8
Ω
Figure 4 - Final Schematic for half of the
GTL+ termination regulator.
2.85V
1010app4-1.3
R1
121
1%
R2
154
1%
5V
C2
22uF
C1
10uF
US1010
Adj
Vout
Vin
D1
Layout Consideration
The output capacitors must be located as close to
the Vout terminal of the device as possible. It is recom-
mended to use a section of a layer of the PC board as a
plane to connect the Vout pin to the output capacitors to
prevent any high frequency oscillation that may result
due to excessive trace inductance.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com