Electronic Components Datasheet Search
  English  ▼

X  

TS8GCF600 Datasheet(PDF) 49 Page - Transcend Information. Inc.

Part # TS8GCF600
Description  600X CompactFlash Card
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS8GCF600 Datasheet(HTML) 49 Page - Transcend Information. Inc.

Back Button TS8GCF600 Datasheet HTML 45Page - Transcend Information. Inc. TS8GCF600 Datasheet HTML 46Page - Transcend Information. Inc. TS8GCF600 Datasheet HTML 47Page - Transcend Information. Inc. TS8GCF600 Datasheet HTML 48Page - Transcend Information. Inc. TS8GCF600 Datasheet HTML 49Page - Transcend Information. Inc. TS8GCF600 Datasheet HTML 50Page - Transcend Information. Inc. TS8GCF600 Datasheet HTML 51Page - Transcend Information. Inc. TS8GCF600 Datasheet HTML 52Page - Transcend Information. Inc. TS8GCF600 Datasheet HTML 53Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 87 page
background image
T
T
TS
S
S8
8
8G
G
G~
~
~3
3
32
2
2G
G
GC
C
CF
F
F6
6
60
0
00
0
0
600X CompactFlash Card
Transcend Information Inc.
V1.0
49
CF-ATA Drive Register Set Definition and Protocol
The CompactFlash Storage Card can be configured as a high performance I/O device through:
a) The standard PC-AT disk I/O address spaces 1F0h-1F7h, 3F6h-3F7h (primary) or 170h- 177h, 376h-377h
(secondary) with IRQ 14 (or other available IRQ).
b) Any system decoded 16 byte I/O block using any available IRQ.
c) Memory space.
The communication to or from the CompactFlash Storage Card is done using the Task File registers, which
provide all the necessary registers for control and status information related to the storage medium. The PCMCIA
interface connects peripherals to the host using four register mapping methods. Table 39 is a detailed description
of these methods:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com