Electronic Components Datasheet Search
  English  ▼

X  

TS8GCF600 Datasheet(PDF) 8 Page - Transcend Information. Inc.

Part # TS8GCF600
Description  600X CompactFlash Card
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS8GCF600 Datasheet(HTML) 8 Page - Transcend Information. Inc.

Back Button TS8GCF600 Datasheet HTML 4Page - Transcend Information. Inc. TS8GCF600 Datasheet HTML 5Page - Transcend Information. Inc. TS8GCF600 Datasheet HTML 6Page - Transcend Information. Inc. TS8GCF600 Datasheet HTML 7Page - Transcend Information. Inc. TS8GCF600 Datasheet HTML 8Page - Transcend Information. Inc. TS8GCF600 Datasheet HTML 9Page - Transcend Information. Inc. TS8GCF600 Datasheet HTML 10Page - Transcend Information. Inc. TS8GCF600 Datasheet HTML 11Page - Transcend Information. Inc. TS8GCF600 Datasheet HTML 12Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 87 page
background image
T
T
TS
S
S8
8
8G
G
G~
~
~3
3
32
2
2G
G
GC
C
CF
F
F6
6
60
0
00
0
0
600X CompactFlash Card
Transcend Information Inc.
V1.0
8
Output Drive Characteristics
Table 4: Output Drive Characteristics
Type
Parameter
Symbol
Conditions
MIN
TYP
MAX
Units
1
Output Voltage
Voh
Vol
Ioh = -4 mA
Iol = 4 mA
Vcc
-0.8V
Gnd
+0.4V
Volts
2
Output Voltage
Voh
Vol
Ioh = -4 mA
Iol = 4 mA
Vcc
-0.8V
Gnd
+0.4V
Volts
3
Output Voltage
Voh
Vol
Ioh = -4 mA
Iol = 4 mA
Vcc
-0.8V
Gnd
+0.4V
Volts
X
Tri-State Leakage
Current
Ioz
Vol = Gnd
Voh = Vcc
-10
10
µ
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com