Electronic Components Datasheet Search
  English  ▼

X  

C503B-BAS Datasheet(PDF) 2 Page - Cree, Inc

Part # C503B-BAS
Description  5-mm Blue and Green Round LED
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C503B-BAS Datasheet(HTML) 2 Page - Cree, Inc

  C503B-BAS Datasheet HTML 1Page - Cree, Inc C503B-BAS Datasheet HTML 2Page - Cree, Inc C503B-BAS Datasheet HTML 3Page - Cree, Inc C503B-BAS Datasheet HTML 4Page - Cree, Inc C503B-BAS Datasheet HTML 5Page - Cree, Inc C503B-BAS Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
CLD-CT1094.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Absolute Maximum Ratings (T
A = 25°C)
Items
Symbol
Absolute Maximum Rating
Unit
Blue/Green
Forward Current
I
F
25
mA
Peak Forward Current Note1
I
FP
100
mA
Reverse Voltage
V
R
5
V
Power Dissipation
P
D
100
mW
Operation Temperature
T
opr
-40 ~ +95
°C
Storage Temperature
T
stg
-40 ~ +100
°C
Lead Soldering Temperature
T
sol
Max. 260°C for 3 sec. max.
(3 mm from the base of the epoxy bulb)
Note:
1.Pulsewidth≤0.1msec,duty≤1/10.
Typical Electrical & Optical Characteristics (T
A = 25°C)
Characteristics
Color
Symbol
Condition
Unit
Minimum
Typical
Maximum
Forward Voltage
Blue/Green
V
F
I
F = 20 mA
V
3.2
4.0
Reverse Current
Blue/Green
I
R
V
R = 5 V
μA
100
Dominant Wave-
length
Blue
λ
D
I
F = 20 mA
nm
465
470
480
Green
λ
D
I
F = 20 mA
nm
520
527
535
Luminous Intensity
Blue
C503B-BAS/BAN (15 degree)
I
V
I
F = 20 mA
mcd
5860
11000
C503B-BCS/BCN (30 degree)
I
V
I
F = 20 mA
mcd
2130
4100
Green
C503B-GAS/GAN (15 degree)
I
V
I
F = 20 mA
mcd
16800
34000
C503B-GCS/GCN (30 degree)
I
V
I
F = 20 mA
mcd
5860
12500
50% Power Angle
C503B-BAS/BAN/GAS/GAN
2θ½
I
F = 20 mA
deg
15
C503B-BCS/BCN/GCS/GCN
2θ½
I
F = 20 mA
deg
30



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com