Electronic Components Datasheet Search
  English  ▼

X  

C503B-BAS Datasheet(PDF) 1 Page - Cree, Inc

Part # C503B-BAS
Description  5-mm Blue and Green Round LED
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C503B-BAS Datasheet(HTML) 1 Page - Cree, Inc

  C503B-BAS Datasheet HTML 1Page - Cree, Inc C503B-BAS Datasheet HTML 2Page - Cree, Inc C503B-BAS Datasheet HTML 3Page - Cree, Inc C503B-BAS Datasheet HTML 4Page - Cree, Inc C503B-BAS Datasheet HTML 5Page - Cree, Inc C503B-BAS Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Subject to change without notice.
www.cree.com/ledlamps
Cree® 5-mm Blue and Green Round LED
C503B-BAS/BAN/GAS/GAN (15 degrees)
C503B-BCS/BCN/GCS/GCN (30 degrees)
Data Sheet
• FEATURES
• Size (mm): 5
• Color and Typical Dominant Wavelength (nm):
»
Blue (470)
»
Green (527)
• Luminous Intensity (mcd)
»
C503B-BAS/BAN (5860-32900)
»
C503B-BCS/BCN (2130-12000)
»
C503B-GAS/GAN (16800-90500)
»
C503B-GCS/GCN (5860-32900)
• Viewing Angle:
»
C503B-BAS/BAN/GAS/GAN: 15 degrees
»
C503B-BCS/BCN/GBS/GBN: 30 degrees
• Lead-Free
• RoHS-Compliant
APPLICATIONS
• Electronic Signs & Signals (ESS)
• Motorway Signs
• Variable-Message Sign (VMS)
• Advertising Signs
• Petrol Signs
• Amusement
Round LEDs offer superior light output for excellent readability in sunlight and
dependable performance. They provide extremely stable light output over long
periods of time.
These lamps are made with an advanced optical-grade epoxy offering superior high-
temperature and high-moisture-resistance performance in outdoor signal and sign
applications.


Similar Part No. - C503B-BAS

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C503B-BAS MARKTECH-C503B-BAS Datasheet
772Kb / 10P
Cree짰 5-mm Blue and Green Round LED
C503B-BAS MARKTECH-C503B-BAS Datasheet
772Kb / 10P
5-mm Blue and Green Round LED
logo
Cree LED
C503B-BAS-BAN-GAS-GAN CREELED-C503B-BAS-BAN-GAS-GAN Datasheet
1Mb / 9P
C503B-Bxx, C503B-Gxx: 5-mm Round Blue & Green LEDs
REV 6
logo
Marktech Corporate
C503B-BAS-CY0C0461 MARKTECH-C503B-BAS-CY0C0461 Datasheet
772Kb / 10P
Cree짰 5-mm Blue and Green Round LED
C503B-BAS-CY0C0462 MARKTECH-C503B-BAS-CY0C0462 Datasheet
772Kb / 10P
Cree짰 5-mm Blue and Green Round LED
More results

Similar Description - C503B-BAS

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
LC503TBG1-30P-A CREE-LC503TBG1-30P-A Datasheet
338Kb / 5P
5-mm Round LED
LC503TBG1-30Q-A CREE-LC503TBG1-30Q-A Datasheet
346Kb / 5P
5-mm Round LED
LC503TBL1-50P-A CREE-LC503TBL1-50P-A Datasheet
327Kb / 5P
5-mm Round LED
LC503TPG1-30P-A1 CREE-LC503TPG1-30P-A1 Datasheet
333Kb / 5P
5-mm Round LED
LC503TWN1-50Q-A1 CREE-LC503TWN1-50Q-A1 Datasheet
365Kb / 6P
5-mm Round LED
logo
Marktech Corporate
C503B-BAS MARKTECH-C503B-BAS Datasheet
772Kb / 10P
Cree짰 5-mm Blue and Green Round LED
C503B-BAS MARKTECH-C503B-BAS Datasheet
772Kb / 10P
5-mm Blue and Green Round LED
C503B-BAS MARKTECH-C503B-BAS_15 Datasheet
772Kb / 10P
5-mm Blue and Green Round LED
C513A MARKTECH-C513A_15 Datasheet
598Kb / 10P
5-mm Round LED
logo
Cree, Inc
C503T-BAS CREE-C503T-BAS Datasheet
732Kb / 8P
Cree짰 5-mm Blue and Green Round LED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com